Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 35Page - Texas Instruments TMP320C40 Datasheet HTML 36Page - Texas Instruments TMP320C40 Datasheet HTML 37Page - Texas Instruments TMP320C40 Datasheet HTML 38Page - Texas Instruments TMP320C40 Datasheet HTML 39Page - Texas Instruments TMP320C40 Datasheet HTML 40Page - Texas Instruments TMP320C40 Datasheet HTML 41Page - Texas Instruments TMP320C40 Datasheet HTML 42Page - Texas Instruments TMP320C40 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
(L)DE, (L)AE, and (L)CEx enable timings (see Figure 12)
NO.
320C40-40
320C40-50
320C40-60
UNIT
NO.
MIN*
MAX
MIN*
MAX
UNIT
1
td(DEH-DZ)
Delay time, (L)DE high to (L)D0–(L)D31 in the high-impedance state
0
15*
0
15*
ns
2
td(DEL-DV)
Delay time, (L)DE low to (L)D0–(L)D31 valid
0
22
0
16
ns
3
td(AEH-AZ)
Delay time, (L)AE high to (L)A0–(L)A30 in the high-impedance state
0
15*
0
15*
ns
4
td(AEL-AV)
Delay time, (L)AE low to (L)A0–(L)A30 valid
0
21
0
16
ns
5
td(CEH-RWZ)
Delay time, (L)CEx high to (L)R/W0, (L)R/W1 in the high-impedance state
0
15*
0
15*
ns
6
td(CEL-RWV)
Delay time, (L)CEx low to (L)R/W0, (L)R/W1 valid
0
21
0
16
ns
7
td(CEH-SZ)
Delay time, (L)CEx high to (L)STRB0, (L)STRB1 in the high-impedance
state
0
15*
0
15*
ns
8
td(CEL-SV)
Delay time, (L)CEx low to (L)STRB0, (L)STRB1 valid
0
21
0
16
ns
9
td(CEH-PAGEZ)
Delay time, (L)CEx high to (L)PAGE0, (L)PAGE1 in the high-impedance
state
0
15*
0
15*
ns
10
td(CEL-PAGEV)
Delay time, (L)CEx low to (L)PAGE0, (L)PAGE1 valid
0
21
0
16
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
(L)DE
(L)D31–(L)D0
(L)AE
(L)A30–(L)A0
(L)CE0, (L)CE1
(L)R/W0, (L)R/W1
(L)STRB0, (L)STRB1
(L)PAGE0, (L)PAGE1
1
2
3
4
Hi-Z
5
6
Hi-Z
7
8
Hi-Z
9
10
Hi-Z
Hi-Z
Figure 12. (L)DE, (L)AE, and (L)CEx Enable Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com