Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 9Page - Texas Instruments TMP320C40 Datasheet HTML 10Page - Texas Instruments TMP320C40 Datasheet HTML 11Page - Texas Instruments TMP320C40 Datasheet HTML 12Page - Texas Instruments TMP320C40 Datasheet HTML 13Page - Texas Instruments TMP320C40 Datasheet HTML 14Page - Texas Instruments TMP320C40 Datasheet HTML 15Page - Texas Instruments TMP320C40 Datasheet HTML 16Page - Texas Instruments TMP320C40 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SMJ320C40 Signal Descriptions (Continued)
SIGNAL
DESCRIPTION
TYPE†
NAME
DESCRIPTION
TYPE†
NO. OF
PINS
EMULATION (7 PINS)
TCK
1
I
IEEE 1149.1 test port clock
TDO
1
O/Z
IEEE 1149.1 test port data out
TDI
1
I
IEEE 1149.1 test port data in
TMS
1
I
IEEE 1149.1 test port mode select
TRST
1
I
IEEE 1149.1 test port reset
EMU0
1
I/O
Emulation pin 0
EMU1
1
I/O
Emulation pin 1
† I = input, O = output, Z = high impedance
‡ STRB0, STRB1 and associated signals (R/W1, R/W0, PAGE0, PAGE1, etc.) are effective over the address ranges defined by the
STRB ACTIVE bits.
§ HFH package has additional power and ground pins to reduce noise problems.
signal descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com