Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 8Page - Texas Instruments TMP320C40 Datasheet HTML 9Page - Texas Instruments TMP320C40 Datasheet HTML 10Page - Texas Instruments TMP320C40 Datasheet HTML 11Page - Texas Instruments TMP320C40 Datasheet HTML 12Page - Texas Instruments TMP320C40 Datasheet HTML 13Page - Texas Instruments TMP320C40 Datasheet HTML 14Page - Texas Instruments TMP320C40 Datasheet HTML 15Page - Texas Instruments TMP320C40 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SMJ320C40 Signal Descriptions (Continued)
SIGNAL
DESCRIPTION
TYPE†
NAME
DESCRIPTION
TYPE†
NO. OF
PINS
COMMUNICATION PORT 5 INTERFACE (12 PINS)
C5D7–C5D0
8
I/O
Communication port 5 data bus
CREQ5
1
I/O
Communication port 5 token-request signal
CACK5
1
I/O
Communication port 5 token-request-acknowledge signal
CSTRB5
1
I/O
Communication port 5 data-strobe signal
CRDY5
1
I/O
Communication port 5 data-ready signal
INTERRUPTS, I/O FLAGS, RESET, TIMER (12 PINS)
IIOF3–IIOF0
4
I/O
Interrupt and I/O flags
NMI
1
I
Nonmaskable interrupt. NMI is sensitive to a low-going edge.
IACK
1
O
Interrupt acknowledge
RESET
1
I
Reset signal
RESETLOC1–
RESETLOC0
2
I
Reset-vector location pins
ROMEN
1
I
On-chip ROM enable (0 = disable, 1 = enable)
TCLK0
1
I/O
Timer 0 pin
TCLK1
1
I/O
Timer 1 pin
CLOCK (4 PINS)
X1
1
O
Crystal pin
X2/CLKIN
1
I
Crystal/oscillator pin
H1
1
O
H1 clock
H3
1
O
H3 clock
POWER AND GROUND (70 PINS)§
CVSS
15§
I
Ground pins
DVSS
15§
I
Ground pins
IVSS
6§
I
Ground pins
DVDD
13
I
5-VDC supply pins
GADVDD
3§
I
5-VDC supply pins
GDDVDD
3§
I
5-VDC supply pins
LADVDD
3§
I
5-VDC supply pins
LDDVDD
3§
I
5-VDC supply pins
SUBS
1
I
Substrate pin (tie to ground)
VDDL
4
I
5-VDC supply pins
VSSL
4
I
Ground pins
† I = input, O = output, Z = high impedance
‡ STRB0, STRB1 and associated signals (R/W1, R/W0, PAGE0, PAGE1, etc.) are effective over the address ranges defined by the
STRB ACTIVE bits.
§ HFH package has additional power and ground pins to reduce noise problems.
signal descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com