Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 45Page - Texas Instruments TMP320C40 Datasheet HTML 46Page - Texas Instruments TMP320C40 Datasheet HTML 47Page - Texas Instruments TMP320C40 Datasheet HTML 48Page - Texas Instruments TMP320C40 Datasheet HTML 49Page - Texas Instruments TMP320C40 Datasheet HTML 50Page - Texas Instruments TMP320C40 Datasheet HTML 51Page - Texas Instruments TMP320C40 Datasheet HTML 52Page - Texas Instruments TMP320C40 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing parameters for IACK (see Note 10 and Figure 22)
NO.
’320C40-40
’320C40-50
’320C40-60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
td(H1H-IACKL)
Delay time, H1 high to IACK low
9
7
ns
2
td(H1L-IACKH)
Delay time, H1 low to IACK high during first cycle of IACK instruction
data read
9
7
ns
NOTE 10: The IACK output is active for the entire duration of the bus cycle and, therefore, is extended if the bus cycle utilizes wait states.
H3
H1
IACK
ADDRESS
DATA
12
Fetch IACK
Instruction
IACK Data
Read
Decode IACK
Instruction
Execute IACK
Instruction
Figure 22. IACK Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com