Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 44Page - Texas Instruments TMP320C40 Datasheet HTML 45Page - Texas Instruments TMP320C40 Datasheet HTML 46Page - Texas Instruments TMP320C40 Datasheet HTML 47Page - Texas Instruments TMP320C40 Datasheet HTML 48Page - Texas Instruments TMP320C40 Datasheet HTML 49Page - Texas Instruments TMP320C40 Datasheet HTML 50Page - Texas Instruments TMP320C40 Datasheet HTML 51Page - Texas Instruments TMP320C40 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing parameters for IIOF3–IIOF0 interrupt response [P = tc(H)] (see Figure 21, Note 7, and
Note 8)
NO.
’320C40-40
’320C40-50
’320C40-60
UNIT
NO.
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
1
tsu(IIOF-H1L)
Setup time, IIOF3–IIOF0 before H1 low
11
11*
ns
2
tw(IIOF)
Interrupt pulse duration to ensure one interrupt seen
(see Note 9)
P
1.5P
< 2P*
P
1.5P
< 2P*
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
NOTES:
7. IIOFx is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact
sequence shown occurs; otherwise, an additional delay of one clock cycle can occur.
8. Edge-triggered interrupts require a setup of time (1) and a minimum duration of P. No maximum duration limit exists.
9. Level-triggered interrupts require interrupt pulse duration of at least 1P wide (P = one H1 period) to ensure that the interrupt is seen.
It must be less than 2P wide to ensure that it is responded to only once. Recommended pulse duration is 1.5P.
Reset or
Interrupt
Vector Read
Fetch First
Instruction of
Service
Routine
H3
H1
IIOF3–IIOF0
Pins
IIOF3–IIOF0
Flag
ADDRESS
Data
Vector
Address
First
Instruction
Address
1 (See Note A)
2
NOTE A: The ’C40 can accept an interrupt from the same source every two H1 clock cycles.
Figure 21. IIOF3–IIOF0 Interrupt Response Timing [P=tc(H)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com