Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 28Page - Texas Instruments TMP320C40 Datasheet HTML 29Page - Texas Instruments TMP320C40 Datasheet HTML 30Page - Texas Instruments TMP320C40 Datasheet HTML 31Page - Texas Instruments TMP320C40 Datasheet HTML 32Page - Texas Instruments TMP320C40 Datasheet HTML 33Page - Texas Instruments TMP320C40 Datasheet HTML 34Page - Texas Instruments TMP320C40 Datasheet HTML 35Page - Texas Instruments TMP320C40 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
(M version)
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(S version)
– 55
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(C version)
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(L version)
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions (see Note 2)
MIN
NOM‡
MAX
UNIT
SMJ320C40-40
4.75
5
5.25
VDD
Supply voltages (DVDD, etc.)
SMJ320C40-50
4.75
5
5.25
V
VDD
Su
ly voltages (DVDD, etc.)
SMJ320C40-60
4.75
5
5.25
V
VSS
Supply voltages (CVSS, etc.)
0
V
X2/CLKIN
2.6
VDD + 0.3*
VIH
High-level input voltage
CSTRBx, CRDYx§, CREQx, CACKx
2.2
VDD + 0.3*
V
VIH
High level in ut voltage
All other pins
2
VDD + 0.3*
V
VIL
Low-level input voltage
– 0.3*
0.8
V
IOH
High-level output current
– 300
µA
IOL
Low-level output current
2
mA
M version
–55
125
TC
Operating case temperature (see Note 3)
S version
–55
100
°C
TC
Operating case temperature (see Note 3)
C version
–25
85
°C
L version
0
70
‡ All nominal values are at VDD = 5 V, TA (ambient-air temperature)= 25°C.
§ CRDYx is 2.6 V minimum for TAB package only.
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
NOTES:
2. All input and output voltage levels are TTL-compatible.
3. TC MAX at maximum rated operating conditions at any point on case. TC MIN at initial (time zero) power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com