Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 12 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 12 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 8Page - Cooper Bussmann, Inc. FWA Datasheet HTML 9Page - Cooper Bussmann, Inc. FWA Datasheet HTML 10Page - Cooper Bussmann, Inc. FWA Datasheet HTML 11Page - Cooper Bussmann, Inc. FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
98
High Speed Fuses
North American — FWH 500V: 35-1600A
24
6
8
10
2
2
24
6
8
2
10
3
24
6
8
10
4
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
0
10
1
10
–1
10
–2
10
–3
10
–4
10
2
10
3
10
4
FWH-90B
FWH-80B
FWH-125B
FWH-100B
FWH-175B
FWH-200B
FWH-150B
FWH-60B
FWH-70B
FWH-50B
FWH-45B
FWH-40B
FWH-35B
FWH-1200A
FWH-1400A
FWH-900A
FWH-1000A
FWH-1600A
Prospective Current In Amper es RMS
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
–4
FWH-350A
FWH-400A
FWH-500A
FWH-600A
FWH-800A
Prospective Current In Amperes RMS
10
2
10
3
10
4
10
5
FWH 225-800A: 500V
Time-Current Curve
FWH 35-200A(B) & 900-1600A(A): 500V
Time-Current Curve
FWH-200B
FWH-150B
FWH-125B
FWH-100B
FWH-80B
FWH-60B
FWH-50B
FWH-35B
FWH-40B
FWH-1000A
FWH-1200A
FWH-1400A
FWH-1600A
Prospective Short-Circuit Current Symmetrical RMS
2
4
2
6
6
4
2
6
4
24
6
2
4
6
24
6
2
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
FWH-800A
FWH-600A
FWH-500A
FWH-400A
FWH-300A
FWH-250A
102
105
104
103
103
104
105
102
Prospective Short-Circuit Current Symmetrical RMS
A
B
Peak Let-Through Curve
Peak Let-Through Curve
Data Sheet: 35785304
Data Sheet: 360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com