Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 17 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 17 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. FWA Datasheet HTML 19Page - Cooper Bussmann, Inc. FWA Datasheet HTML 20Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
103
North American — FWP 700V: 5-1200A
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
FWP-150A
FWP-200A
FWP-300A
FWP-400A
FWP-600A
Prospective Current In Amperes RMS
10
2
10
3
10
4
10
5
FWP 125-600A: 700V
Time-Current Curve
FWP-600A
FWP-400A
FWP-300A
FWP-200A
FWP-150A
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
Prospective Short-Circuit Current Symmetrical RMS
A
B
Peak Let-Through Curve
Data Sheet: 361
Cooper Bussmann Named First in
Fuses by Readers of Plant
Services Magazine
Cooper Bussmann has been named as the vendor
offering the highest value in electrical fuses in a
recent fill-in-the-blank survey of nearly 40,000
qualified readers of Plant Services Magazine. A full
70 percent of survey respondents said Cooper
Bussmann was their number one choice. The
nearest competitor weighed in at only 7 percent. The
63 percent spread was the widest of all 63 product
categories, ranging from aerial work platforms to
welding equipment. According to Plant Services
editors, the products chosen are those “that deliver
the combination of functionality, durability and low
maintenance that add up to the lowest estimated
life-cycle cost”—those offering the very best value in
their product category.
Did You Know?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com