Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 14 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 14 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 10Page - Cooper Bussmann, Inc. FWA Datasheet HTML 11Page - Cooper Bussmann, Inc. FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
100
High Speed Fuses
North American — KBC 600V: 35-800A
Dimensions (in)
Amp
Range
Fig. ABCD
E
F
G
H
I
35-60A
1
4.375 3.750 3.500 2.7500.343 0.625 0.8130.094
0.468
70-100A
2
See Drawing
110-200A
1
4.406 3.719 3.594 2.9060.312 0.875 1.2190.187
0.375
225-400A
1
5.125 4.188 3.563 2.9060.406 1.000 1.5000.250
0.719
450-600A
1
5.125 4.389 3.687 2.8750.406 1.500 2.0000.250
0.757
800A
3
See Drawing
1mm = 0.0394” / 1” = 25.4mm
KBC
Specifications
Description:
North American
style stud-mount and flush-end
fuses. These 600V fuses are
supplied as replacements only.
For new installations, Cooper
Bussmann recommends the 700V
FWP series fuse.
Dimensions:
See Dimensions
illustrations.
Ratings:
Volts: — 600Vac
Amps: — 35-800A
IR: — 200kA RMS Sym.
Agency Information:
CE, UL Recognition on 35-600A only.
A
C
B
D
E
F
G
I
H
Fig. 1: 35-60 and 110-600A
Fig. 2: 70-100A
4.000
3.750
2.859
2.500
0.750
0.750
‹Ω•" - 24 ≈ ⁄Ω™"
Fig. 3: 800A
Catalog Numbers (-amps)
KBC-35
KBC-100
KBC-300
KBC-40
KBC-110
KBC-350
KBC-45
KBC-125
KBC-400
KBC-50
KBC-150
KBC-450
KBC-60
KBC-175
KBC-500
KBC-70
KBC-200
KBC-600
KBC-80
KBC-225
KBC-800
KBC-90
KBC-250
• Consult Cooper Bussmann for dc ratings.
• See accessories on page 106.
Features and Benefits
• Excellent dc performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Cooper Bussmann® Paul P. Gubany
Center Receives Prestigious ASTA
Accreditation
The Cooper Bussmann Paul P. Gubany Center in St.
Louis is certified by Britain’s prestigious ASTA
(Associated Short Circuit Testing Authority) to
perform short testing of its own devices designed to
operate to ASTA requirements which are closely tied
to IEC requirements. The Gubany Center is the only
testing facility available in North or South America
for this product certification.
The Gubany Center has equipment capable of
generating 300,000A of current at 600Vac three-
phase, and 100,000A at 170Vdc, under carefully
controlled conditions. It offers a wider range of
current voltage and frequency configurations than
any other facility of its kind in the world, and is built
to exceed the short circuit capacity of today’s high
power electrical distribution systems.
Did You Know?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com