Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 15 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 15 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 11Page - Cooper Bussmann, Inc. FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. FWA Datasheet HTML 19Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
101
North American — FWP 700V: 5-1200A
FWP
Specifications
Description:
North American
style stud-mount fuses.
Dimensions:
See Dimensions
illustrations.
Ratings:
Volts: — 700Vac
Amps: — 5-1200A
IR: — 200kA RMS Sym.
— 50kA @700Vdc
Agency Information:
CE, UL Recognition & CSA
Component Acceptance on 5-800A
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at rated
voltage and at power factor of
15% are given in the electrical
characteristics. For other volt-
ages, the clearing I2t is found
by multiplying by correction
factor, K, given as a function
of applied working voltage,
Eg, (rms).
Arc Voltage
This curve gives the peak arc
voltage, UL, which may
appear across the fuse dur-
ing its operation as a function
of the applied working volt-
age, Eg, (rms) at a power
factor of 15%.
Power Losses
Watts loss at rated current is
given in the electrical charac-
teristics. The curve allows
the calculation of the power
losses at load currents lower
than the rated current. The
correction factor, Kp, is given
as a function of the RMS
load current, Ib, in % of the
rated current.
Catalog Numbers
Electrical Characteristics
Rated
I
2t (A2 Sec)
Catalog
Current
Clearing
Watts
Numbers
RMS-Amps
Pre-arc
at 700V
Loss
FWP-5B
5
1.6
10
1.5
FWP-10B
10
3.6
20
4
FWP-15B
15
10
75
5.5
FWP-20B
20
26
180
6
FWP-25B
25
44
340
7
FWP-30B
30
58
450
9
FWP-35B
35
34
160
12
FWP-40B
40
76
320
12
FWP-50B
50
135
600
12
FWP-60B
60
210
950
15.5
FWP-70B
70
305
2000
18
FWP-80B
80
360
2400
21
FWP-90B
90
415
2700
25
FWP-100B
100
540
3500
27
FWP-125A
125
1800
7300
28
FWP-150A
150
2900
11700
32
FWP-175A
175
4200
16700
35
FWP-200A
200
5500
22000
43
FWP-225A
225
7700
31300
45
FWP-250A
250
10500
42500
48
FWP-300A
300
17600
71200
58
FWP-350A
350
23700
95600
65
FWP-400A
400
31000
125000
78
FWP-450A
450
36400
137000
94
FWP-500A
500
45200
170000
107
FWP-600A
600
66700
250000
122
FWP-700A
700
54000
300000
125
FWP-800A
800
78000
450000
140
FWP-900A
900
91500
530000
150
FWP-1000A
1000
120000
600000
170
FWP-1200A
1200
195000
1100000
190
• Watts loss provided at rated current.
• See accessories on page 106.
Features and Benefits
• Excellent dc performance
• Low arc voltage and low
energy let-through (I2t)
• Superior cycling capability
700
604
460
316
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
3)
2)
UL
2
1.6
1.4
1.2
103
8
6
5
4
3
400
300
500
600
700
Eg
1)
2)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
1) 125-600A Range
2) 35-100 & 700-1200A Range
1) 35-100A Range
2) 125-600A Range
3) 700-1200A Range
AE
DC
F
J
G
B
H
Fig. 1: 5-800A
Dimensions (in)
Amp
Range
Fig. ABCD
E
F
G
H
I
5-30
1
2.870 0.563 1.855 2.4772.477 0.250 0.4050.063
0.250
35-60
1
4.375 0.813 2.750 3.7083.312 0.344 0.7250.125
0.542
70-100
1
4.406 0.947 2.594 3.6253.563 0.344 0.7500.125
0.375
125-200
1
5.090 1.500 2.840 4.1903.500 0.410 1.0000.250
0.750
225-400
1
5.090 2.000 2.840 4.2803.530 0.410 1.5000.250
0.780
450-600
1
7.090 2.500 2.840 5.7204.190 0.530 2.0000.380
1.300
700-800
1
6.630 2.000 2.844 5.5625.062 0.625 1.5000.250
0.875
900-1000
2
See Drawing
1200
3
See Drawing
1mm = 0.0394” / 1” = 25.4mm
7.594
0.5
3.500
3.844
1.031
0.625
2.750
5.966
5.154
1.375
Fig. 2: 900-1000A
Fig. 3: 1200A
10.844
3.844
0.625
4.250
0.750
3.500
6.840
0.125
0.500
1.625
1.750
9.590
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com