Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 16 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 16 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. FWA Datasheet HTML 19Page - Cooper Bussmann, Inc. FWA Datasheet HTML 20Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
102
High Speed Fuses
North American — FWP 700V: 5-1200A
24
6
8
10
2
2
24
6
8
2
10
3
24
6
8
10
4
2
4
6
2
6
4
2
6
4
10
1
10
0
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–1
10
–2
10
–3
10
–4
10
2
10
3
10
4
FWP-35B
FWP-80B
FWP-90B
FWP-100B
FWP-60B
FWP-70B
FWP-40B
FWP-50B
FWP-900A
FWP-1200A
FWP-1000A
FWP-800A
FWP-700A
Prospective Current In Amperes RMS
FWP 35-100A(B) & 700-1200A(A): 700V
Time-Current Curve
Prospective Short-Circuit Current
2
6
4
2
6
4
2
6
4
24
6
2
4
6
24
6
10
2
10
3
10
4
10
6
10
2
10
3
10
4
10
5
2
FWP-700A
FWP-800A
FWP-1000A
FWP-100B
FWP-35B
FWP-70B
FWP-40B
FWP-50B
FWP-60B
FWP-1200A
Peak Let-Through Curve
24
6
8
101
2
24
6
8
2
102
24
6
8
103
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10–1
10–2
10–3
10–4
102
101
100
103
104
Prospective Current In Amperes RMS
FWP-10B
FWP-15B
FWP-20B
FWP-5B
FWP-30B
FWP-25B
FWP 5-30A(B): 700V
Time-Current Curve
Prospective Short-Circuit Current
2
4
2
6
6
4
2
6
4
2
4
62
4
6
2
4
62
4
6
10
1
10
2
10
3
10
4
10
1
10
2
10
3
10
4
10
5
FWP- 5B
FWP-10B
FWP-15B
FWP-20B
FWP-25B
FWP-30B
2
Peak Let-Through Curve
Data Sheet: 35785308
Data Sheet: 35785316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com