Electronic Components Datasheet Search
  English  ▼

X  

FWA Datasheet(PDF) 20 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 20 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. FWA Datasheet HTML 19Page - Cooper Bussmann, Inc. FWA Datasheet HTML 20Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
106
High Speed Fuses
North American fuse accessories
Stud Type
Connector Type
Fixed Center
Fuse Bases (Blocks)
Modular Style
Cooper Bussmann offers a comprehensive line of fuse bases
that provide the user with design and manufacturing flexibility.
Two identical half bases make up a Cooper Bussmann®
modular fuse base. These “split” units can be panel mounted
any distance apart to accommodate any length fuse.
Stud Type
The simpler design is the C5268 series modular fuse base.
With this design, the fuse terminal and cable (with
termination) are mounted on the same stud, minimizing labor
needed for installation. The stud type base is available in the
configuration shown in the table below.
Catalog
Max Fuse
Stud
Stud Dia.
Number
Amp Rating
Height (in)
& Threads
C5268-1
200
1.00
5
⁄16”-18
C5268-2
200
1.75
5
⁄16”-18
C5268-3
200
0.75
5
⁄16”-18
C5268-4
100
1.00
1
⁄4”-20
C5268-5
100
1.75
1
⁄4”-20
Connector Type
Cooper Bussmann also offers a modular style fuse base that
utilizes a tin-plated connector (for wire termination and heat
dissipation) and a plated-steel stud (for fuse mounting). The
connector type fuse base is available in the configurations
shown below. Consult Cooper Bussmann for additional
product details.
Modular
Max
Max Fuse
Data Sheet
Base Style
Voltage
Amp Rating
Number
1BS101
600
100
1206
1BS102
600
400
1207
1BS103
600
400
1208
1BS104
600
600
1209
BH-0xxx
700
100
1200
BH-1xxx
2500
400
1201
BH-2xxx
5000
400
1202
BH-3xxx
1250
700
1203
Fixed Center Base Style
Cooper Bussmann offers a comprehensive line of fixed mount
style fuse bases under the trademark TRON® rectifier fuse
blocks. The cable and fuse connections are similar to the stud
type fuse base — both are mounted on the same stud.
Consult Cooper Bussmann for complete product details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com