Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 1 Page - Texas Instruments

  TC213 Datasheet HTML 1Page - Texas Instruments TC213 Datasheet HTML 2Page - Texas Instruments TC213 Datasheet HTML 3Page - Texas Instruments TC213 Datasheet HTML 4Page - Texas Instruments TC213 Datasheet HTML 5Page - Texas Instruments TC213 Datasheet HTML 6Page - Texas Instruments TC213 Datasheet HTML 7Page - Texas Instruments TC213 Datasheet HTML 8Page - Texas Instruments TC213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
Copyright
© 1991, Texas Instruments Incorporated
2-1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• High-Resolution, Solid-State
Frame-Transfer Image Sensor
• 13.5-mm Image-Area Diagonal
• 1000 (H) × 510 (V) Active Elements in
Image-Sensing Area
• Square Pixels
• Low Dark Current
• Electron-Hole Recombination Antiblooming
• Dynamic Range . . . More Than 60 dB
• High Sensitivity
• High Photoresponse Uniformity
• High Blue Response
• Single-Phase Clocking
• Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC213 is a frame-transfer charge-coupled device (CCD) image sensor that provides very high-resolution
image acquisition for image-processing applications such as robotic vision, medical X-ray analysis, and
metrology. The image format measures 12.00 mm horizontally by 6.12 mm vertically; the image-area diagonal
is 13.5 mm. The image-area pixels are 12-
µm square. The image area contains 510 active lines with 1000 active
pixels per line. Two additional dark reference lines give a total of 512 lines in the image area, and 24 additional
dark-reference pixels per line give a total of 1024 pixels per horizontal line.
The storage section of the TC213 contains 512 lines with 1024 pixels per line. This area is protected from
exposure to light by an aluminum light shield. Photoelectric charge that is generated in the image area of the
TC213 can be transferred into the storage section in less than 500
µs. After image capture (integration time),
the readout is accomplished by transferring the charge, one line at a time, into two serial registers located below
the storage area, each of which contains 512 data elements and 12 dummy elements. One serial-register clocks
out charge that is generated in the odd-numbered columns of pixels in the imaging area; the other serial-register
processes charge from the even-numbered columns of the imaging area. The typical serial-register data rate
is 10 megapixels per second. Three transfer gates are used to isolate the serial registers. If the storage area
or storage and image areas need to be cleared of all charge, charge may be quickly transferred across the serial
registers and into the clearing drain, which is located below the serial-register section.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
TRG
SRG2
SRG1
CDB
RST1
RST2
SUB
ADB
OUT2
AMP GND
OUT1
SAG
ABGI
IAG
SUB
SUB
TDB
SUB
IAG
ABGI
SAG
ABGS
24
23
22
21
20
19
18
17
16
15
11
10
9
8
7
6
5
4
3
2
1
DUAL-IN-LINE PACKAGE
(TOP VIEW)
IDB
ABGS
13
12
14
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TC213

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC213 INFINEON-TC213 Datasheet
2Mb / 191P
32-Bit Single-Chip Micocontroller
V 1.0, 2017-09
More results

Similar Description - TC213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC215 TI-TC215 Datasheet
307Kb / 19P
1024- 횞 1024-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com