Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 12 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC213 Datasheet HTML 8Page - Texas Instruments TC213 Datasheet HTML 9Page - Texas Instruments TC213 Datasheet HTML 10Page - Texas Instruments TC213 Datasheet HTML 11Page - Texas Instruments TC213 Datasheet HTML 12Page - Texas Instruments TC213 Datasheet HTML 13Page - Texas Instruments TC213 Datasheet HTML 14Page - Texas Instruments TC213 Datasheet HTML 15Page - Texas Instruments TC213 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
spurious nonuniformity specification
The spurious nonuniformity specification of the TC213 CCD grades – 30 and – 40 is based on several sensor
characteristics:
• Amplitude of the nonuniform line or pixel
• Polarity of the nonuniform pixel
–
Black
–
White
• Nonuniform line or pixel count
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 11. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 12.
The pixel nonuniformity specification for the TC213 is as follows (CCD video-output signal is 50 mV
±10 mV):
NONUNIFORMITY TYPE
TC213-30
TC213-40
Line
Maximum amplitude = 1.4 mV
Line
Number with amplitude greater than 1 mV is
≤ 6
White spot (40
°C)
Maximum amplitude = 25 mV
Maximum amplitude = 8 mV
Maximum amplitude = 12 mV
White spot (25
°C)
Number with amplitude greater
than 6 mV = B
Number with amplitude greater
than 10 mV = B
Maximum amplitude = 20%
Maximum amplitude = 25%
Black spot (% of total illumination)
Number with amplitude greater
than 10% = C
Number with amplitude greater
than 15% = C
Total number of nonuniformities
B+C < 11
B+C < 51
mV
Amplitude
t
Illumination
% of Total
t
Figure 11. Pixel Nonuniformity,
Figure 12. Pixel Nonuniformity,
Dark Condition
Illuminated Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com