Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 15 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TC213 Datasheet HTML 11Page - Texas Instruments TC213 Datasheet HTML 12Page - Texas Instruments TC213 Datasheet HTML 13Page - Texas Instruments TC213 Datasheet HTML 14Page - Texas Instruments TC213 Datasheet HTML 15Page - Texas Instruments TC213 Datasheet HTML 16Page - Texas Instruments TC213 Datasheet HTML 17Page - Texas Instruments TC213 Datasheet HTML 18Page - Texas Instruments TC213 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 25°C, integration time = 33 ms (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 9)
No IR filter
Measured at VU
518
mV/lx
Sensitivity (see Note 9)
With IR filter
U
(see Note 10)
64
mV/lx
Saturation signal, Vsat (see Note 11)
320
mV
Maximum usable signal, Vuse
200
mV
Blooming overload ratio (see Note 12)
100
Image-area well capacity
60 x 103
electrons
Smear (see Note 13)
0.0016
Dark current
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 14)
TA =40°C
TC213-30
5
mV
Dark signal (see Note 14)
TA = 40°C
TC213-40
5
mV
Pixel uniformity
TC213-30
8
mV
Pixel uniformity
TC213-40
12
mV
Column uniformity
TC213-30
1.4
mV
Column uniformity
TC213-40
1.4
mV
Shading
VO = 1/2 VU (see Note 10)
15%
NOTES:
9. Sensitivity is measured at an integration time of 33 ms with a source temperature of 2859 K. A CM-500 filter is used. Sensitivity is
measured at any illumination level that gives an output voltage level less than VU.
10. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Smear is the measure of error induced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time during a fast dump to the exposure time using an illuminated section that is 1/10 of the
image area vertical height with recommended clock frequencies. Exposure time is 33 ms, the fast dump clocking rate during vertical
timing is 1 MHz, and the illuminated section is 1/10 of the height of the image section.
14. Dark-signal level is measured from the dark dummy pixels.
timing requirements
MIN
MAX
UNIT
IAG
200
SRG
10
t
Rise time
SAG
200
ns
tr
Rise time
TRG
200
ns
ABGI, ABGS
100
RST1, RST2
10
IAG
200
SRG
10
tf
Fall time
SAG
200
ns
tf
Fall time
TRB
200
ns
ABGI, ABGS
100
RST1, RST2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com