Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 3 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 3 Page - Texas Instruments

  TC213 Datasheet HTML 1Page - Texas Instruments TC213 Datasheet HTML 2Page - Texas Instruments TC213 Datasheet HTML 3Page - Texas Instruments TC213 Datasheet HTML 4Page - Texas Instruments TC213 Datasheet HTML 5Page - Texas Instruments TC213 Datasheet HTML 6Page - Texas Instruments TC213 Datasheet HTML 7Page - Texas Instruments TC213 Datasheet HTML 8Page - Texas Instruments TC213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
sensor topology diagram
22 Pixels
1000 Pixels
2 Lines
12
Dummy Pixels
511
12
511
512 Lines
1 Pixel
1 Pixel
510 Lines
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABGI†
15
I
Antiblooming gate for image area
ABGI†
22
I
Antiblooming gate for image area
ABGS†
13
I
Antiblooming gate for storage area
ABGS†
24
I
Antiblooming gate for storage area
ADB
4
I
Supply voltage for amplifier drain bias
AMP GND
2
Amplifier ground
CDB
8
I
Supply voltage for clearing drain bias
IAG†
16
I
Image-area gate
IAG†
21
I
Image-area gate
IDB
12
I
Supply voltage for input diode bias
OUT1
1
O
Output signal 1
OUT2
3
O
Output signal 2
RST1
7
I
Reset gate 1
RST2
6
I
Reset gate 2
SAG†
14
I
Storage-area gate
SAG†
23
I
Storage-area gate
SRG1
9
I
Serial-register gate 1
SRG2
10
I
Serial-register gate 2
SUB†
5
Substrate and clock return
SUB†
17
Substrate and clock return
SUB†
18
Substrate and clock return
SUB†
20
Substrate and clock return
TDB
19
I
Supply voltage for top drain bias
TRG
11
I
Transfer gate
† All pins of the same name should be connected together externally (i.e., pin 15 to pin 22,
pin 13 to pin 24, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com