Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 18 Page - Texas Instruments

Part # TC213
Description  1024- 횞 512-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC213 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TC213 Datasheet HTML 13Page - Texas Instruments TC213 Datasheet HTML 14Page - Texas Instruments TC213 Datasheet HTML 15Page - Texas Instruments TC213 Datasheet HTML 16Page - Texas Instruments TC213 Datasheet HTML 17Page - Texas Instruments TC213 Datasheet HTML 18Page - Texas Instruments TC213 Datasheet HTML 19Page - Texas Instruments TC213 Datasheet HTML 20Page - Texas Instruments TC213 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
TC213
1024-
× 512-PIXEL CCD IMAGE SENSOR
SOCS013B – AUGUST 1989 – REVISED DECEMBER 1991
2-18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
13
12 V
TC213
ABGS
SAG
ABGI
IAG
SUB
SUB
TDB
SUB
IAG
ABGI
SAG
ABGS
IDB
TRG
SRG2
SRG1
CDB
RST1
RST2
SUB
ADB
OUT2
AMP GND
OUT1
12 V
OUT 2
1 k
Ω
100
Ω
OUT 1
12 V
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
6
5
4
3
2
1
Master Oscillator
GND
VCC
GND
OUT
VCC
VSS
User-Defined Timer
SRG2
SRG1
RST1
RST2
SAG
GT2
ABGS
GT1
ABGI
IAG
TRG
SH1
SH2
CSYNC
CL1
CL2
CBLNK
CLK
SH1
SH2
CL1
CL2
CBLNK
SEL0OUT
GND
PD
SRG3IN
SRG2IN
SRG1IN
TRGIN
NC
SEL1OUT
SEL0
NC
VCC
SRG3OUT
SRG2OUT
SRG1OUT
TRGOUT
VCC
SEL1
VCC
VCC
SEL1
VCC
TRGOUT
SRG1OUT
SRG2OUT
SRG3OUT
VCC
NC
SEL0
SEL1OUT
NC
TRGIN
SRG1IN
SRG2IN
SRG3IN
PD
GND
SEL0OUT
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
11
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
1
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
VAGB+
IASR
ABSR
VCC
ABLVL
IAOUT
ABOUT
SAOUT
VCC
VABG –
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
12
11
ABLVL
VABG –
V
VCC
VABG +
VABG +
VCC
V
VABG –
ABLVL
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
1
VABG–
VCC
SAOUT
ABOUT
IAOUT
ABLVL
VCC
ABSR
IASR
VAGB+
GND
PD
SAIN
MIDSEL
ABIN
IAIN
I/N
IALVL
V
100
Ω
Parallel Driver
1 k
Ω
ADB
VCC
VSS
V
ABLVL
VABG +
VABG –
12 V
5 V
– 10 V
2 V
– 2.5 V
4 V
–6 V
DC VOLTAGES
VSS
10
20
VSS
VSS
10
VSS
20
VSS
10
VSS
20
10
VSS
VSS
20
CSYNC
2N3904
2N3904
12 V
TMS3473B
Parallel Driver
TMS3473B
Serial Driver
SN28846
Serial Driver
SN28846
Image Sensor
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
SN28846DW
20 pin small outline
Serial driver
Driver for TRG, SRG1, SRG2, RST1, RST2
TMS3473BDW
20 pin small outline
Parallel driver
Driver for IAG, SAG, ABGI, ABGS
Figure 17. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com