Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 6 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TC281 Datasheet HTML 2Page - Texas Instruments TC281 Datasheet HTML 3Page - Texas Instruments TC281 Datasheet HTML 4Page - Texas Instruments TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IAG
~1
µs
Transfer The
First Line From
SA to AR
Transfer The
Second Line
Adding to The First
Each Additional Pulse
Bins One Additional Line
Serial Line Readout
SAG
TRG
SRG
RST
Figure 5. Special Modes of Operation: Binning
detailed description
The TC281 image sensor consists of five basic functional blocks: 1) the image-sensing area, 2) the advanced
lateral overflow drain (ALOD), 3) the storage area, 4) the serial register, and 5) the bulk charge detection (BCD)
node with the buffer output amplifier.
image-sensing area
The image-sensing area contains 1036 x 1010 pixel elements. A metal light shield covers 28 pixels on the left
edge of the sensing area, 8 pixels on the right edge, and 10 rows at the bottom of the sensing area. The dark
pixel signal can be used as a black reference during the video signal processing. The dark references will
accumulate the dark current at the same rate as the active photosites, thus representing the true black level
signal. As light enters the active photosites in the image area, electron hole pairs are generated and the
electrons are collected in the potential wells of the pixels. The wells have a finite charge storage capacity
determined by the pixel design. When the generated number of electrons in the illuminated pixels exceeds this
limit, the electrons could spill over into neighboring pixels and cause blooming. To prevent this problem, each
horizontal pair of pixels in the image sensing area shares a lateral overflow drain structure which provides up
to a 1000-to-1 protection against such undesirable phenomenon.
advanced lateral overflow drain
The advanced lateral overflow drain structure is shared by two neighboring pixels and provides several unique
features thus available in the sensor. By varying the dc bias of the drain pin, it is possible to control the blooming
protection level and trade it for the well capacity.
Applying a 10-V pulse for a minimum duration of 1 us above the nominal dc bias level causes charge in the image
area to be completely cleared. This feature permits a precise control of the integration time on a frame-by-frame
basis. The single-pulse clear capability also reduces smear by eliminating accumulated charge from the pixels
before the start of the integration (single sided smear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com