Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 16 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments TC281 Datasheet HTML 14Page - Texas Instruments TC281 Datasheet HTML 15Page - Texas Instruments TC281 Datasheet HTML 16Page - Texas Instruments TC281 Datasheet HTML 17Page - Texas Instruments TC281 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
NOTES: A. MOSFET driver with a 4A peak current and 2
Ω output resistance (see Figure 13).
B. Decoupling capacitors are are not shown.
+V
IN
U7
NC
+V
P-OUT
4A pk FET Driver
–V
–V
1
2
3
4
8
7
6
5
N-OUT
VCC
R17
806
Ω
R18
1 k
Ω
3
1
2
Q4
PNP
IAG
IAG_IN
VAA
+V
IN
U8
NC
+V
P-OUT
4A pk FET Driver
–V
–V
1
2
3
4
8
7
6
5
N-OUT
VCC
R19
806
Ω
R20
1 k
Ω
3
1
2
Q5
PNP
SAG
SAG_IN
VAA
Figure 15. Typical Parallel Driver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com