Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC281
Description  1036-1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 1 Page - Texas Instruments

  TC281 Datasheet HTML 1Page - Texas Instruments TC281 Datasheet HTML 2Page - Texas Instruments TC281 Datasheet HTML 3Page - Texas Instruments TC281 Datasheet HTML 4Page - Texas Instruments TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Resolution, Solid-State
Frame-Transfer Image Sensor
D 11.3-mm Image Area Diagonal
D 1000 (H) x 1000 (V) Active Elements
D Up to 30 Frames per Second
D 8-µm Square Pixels
D Low Dark Current
D Advanced Lateral-Overflow-Drain
Antiblooming
D Single Pulse Image Area Clear Capability
D Dynamic Range ... More than 60 dB
D High Sensitivity and Quantum Efficiency
D Nondestructive Charge Detection Through
Texas Instruments (TI
™) Advanced BCD
Node Technology
D High Near-IR and Blue Response
D Solid-State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC281 is a frame-transfer charge-coupled-device (CCD) image sensor that provides a very high-resolution
image acquisition capability for image-processing applications such as robotic vision, medical X-ray analysis,
and metrology. The image sensing area measures 8 mm horizontally and 8 mm vertically; the image-area
diagonal measures 11,3 mm and the sensor has 8-
µm square pixels. The image area contains 1000 active lines
with 1000 active pixels per line. The dark reference signal can be obtained from ten dark reference lines located
between the image area and the storage area, 28 dark reference pixels located at the left edge of each horizontal
line, and 8 dark reference pixels located at the right edge of each horizontal line.
The storage section of the TC281 contains 1010 lines with 1036 pixels per line. The area is protected from
exposure to light by a metal layer. Photoelectric charge that is generated in the image area of the sensor can
be transferred into the storage section in less than 110
µs. After the image capture is completed (integration
time), the image readout is accomplished by transferring charge, one line at a time, into the serial register
located below the storage area. The serial register contains 1036 active pixels and 9 dummy pixels. The
maximum serial-register data rate is 40 megapixels per second. If the storage area needs to be cleared of all
charge, charge may be quickly transferred across the serial registers into the clearing drain located below the
register.
A high performance bulk charge detection (BCD) structure converts charge from each pixel into an output
voltage. A low-noise, two-stage, source-follower amplifier further buffers the signal before it is sent to the output
pin. A readout rate of 30 frames per second is easily achievable with this device.
The blooming-protection of the sensor is based on an advanced lateral-overflow-drain structure (ALOD). The
antiblooming function is activated when a suitable dc bias is applied to the overflow-drain pin. With this type of
blooming protection it is also possible to clear the image area of charge completely. This is accomplished by
providing a single 10V pulse of at least 1
µs duration to the overflow-drain pin.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
SUB 1
ODB 2
IAG 3
SUB 4
SAG 5
SAG 6
SUB 7
OUT 8
ADB 9
CDB 10
VGATE 11
22 SUB
21 TDB
20 IAG
19 SUB
18 SUB
17 SUB
16 NC
15 SRG
14 TRG
13 VSOURCE
12 RST
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TC281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281-30 TI1-TC281-30 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281-74 TI1-TC281-74 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
logo
SHENZHEN FUMAN ELECTRON...
TC2811 FUMAN-TC2811 Datasheet
320Kb / 5P
Single-line transmission three-channel LED driver control dedicated chip
TC2811N FUMAN-TC2811N Datasheet
367Kb / 5P
Single-line transmission three-channel LED driver control dedicated chip
More results

Similar Description - TC281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com