Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments TC281 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
MIN
TYP
MAX
UNIT
Dynamic range (see Note 2)
62
dB
Charge-conversion factor
10
µV/e
Charge-transfer efficiency (see Note 3)
0.99990
0.99995
1
Signal-response delay time, Tau (see Note 4)
7
ns
Output resistance
310
400
Ω
Noise-equivalent signal
12
25
electrons
Supply current (see Note 5)
IDD
3.5
5
mA
IAG
14500
SAG
14500
Capacitance
SRG
52
pF
TRG
50
RST
5.5
† All typical values are used at TA = 25°C.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation-output signal.
3. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
4. Signal-response delay time is the time between the falling edge of the SRG pulse and the output-signal valid state.
5. VADC at 12 V and VSUBSTRATE at ground.
optical characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 6)
No IR filter
240
mV/lux
Sensitivity (see Note 6)
With IR filter
30
mV/lux
Saturation signal, Vsat (see Note 7)
Antiblooming off
320
mV
Blooming overload ratio (see Note 8)
300
1000
Image-area well capacity
32K
electrons
Smear at 5 MHz (see Notes 9 and 10)
0.06%
Dark current
TA = 21°C
0.4
nA/cm2
Electronic-shutter capability
1/1000
1/30
Saturation
sec
NOTES:
6. Based on 16.67 ms integration time.
7. Saturation is the condition in which further increases in exposure do not lead to further increase in output signal.
8. Blooming-overload ratio is the ratio of blooming exposure to saturation exposure.
9. Smear is a measure of the error introduced by transferring charge through an illuminated pixel in shutterless operation. It is
equivalent to the ratio of the single-pixel transfer time to the exposure time using an illuminated section that is 1/10 of the image-area
vertical height with recommended clock frequencies.
10. The exposure time is 16.67 ms, the fast dump clocking rate during vertical timing is 10 MHz, and the illuminated section is 1/10 of
the height of the image section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com