Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments TC281 Datasheet HTML 14Page - Texas Instruments TC281 Datasheet HTML 15Page - Texas Instruments TC281 Datasheet HTML 16Page - Texas Instruments TC281 Datasheet HTML 17Page - Texas Instruments TC281 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC281 consists of a ceramic base, a glass window, and a 22-lead frame. The package leads
are configured in a dual in-line organization and fit into mounting holes with 2,54 mm (0.10 in) center-to-center
spacing. The glass window is sealed to the package by an epoxy adhesive. It can be cleaned by any standard
procedure for cleaning optical assemblies or by wiping the surface with a cotton swab moistened with alcohol.
Optical Center
Index Dot
Pin 1
Package
Center
7/96
17.90
17.40
9.51
9.21
28.22
27.66
25.13
24.87
16.60
16.40
1.00
0.90
0.508
2.10
1.70
1.12
0.92
3.22
2.62
18.03
17.53
0.30
0.20
0.76
0.16
5.10
3.50
0.56
0.46
2.67
2.41
Package
Center
0.08
±0.08
0.08
±0.08
TC281 (22 pin)
NOTES: A. All linear dimensions are in millimeters.
B. Single dimensions are nominal.
C. The center of the package and the center of the image area are not coincident.
D. Each pin centerline is located within 0,25 mm (0.010 in) of its true longitudinal position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com