Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC281
Description  1036- 횞 1010-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC281 Datasheet HTML 3Page - Texas Instruments TC281 Datasheet HTML 4Page - Texas Instruments TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058B – JUNE 1996 – REVISED MAY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
advanced lateral overflow drain (continued)
Application of a negative 2-V pulse during the parallel transfer is recommended to prevent possible artifacts from
slight column-to-column pixel well capacity variations.
storage area
A metal light shield covers the storage area to prevent a further integration of charge when charge is being
stored before readout. When the sensor is to be used in a single-shot mode and is dormant for a long period
of time, it is necessary to perform multiple storage area clears to ensure the complete charge removal (see
Figure 4).
serial register
The serial register shifts the data out of the sensor area at a maximum rate of 40 MHz, thus achieving a 1000
x 1000 pixel readout with the frame rate of 30 frames per second. The data is shifted to the BCD node on the
falling edge of the SRG clocking pulses.
The data can also be transferred out of the serial registers in a parallel direction to the clear drain. This allows
partial line readouts. The timing for this operating mode consists of transferring the next row from the storage
into the serial register while also clocking the TRG gate. Binning of multiple pixels within a column together to
increase the device sensitivity is possible by multiple line transfers into the serial register prior to the register
readout. The timing for this mode of operation is shown in Figure 5. Care must be taken not to exceed the well
capacity of the serial register by transferring too many lines into it. Horizontal binning is also possible in this
sensor. It can be accomplished in the BCD detection node by a suitable skipping of the reset pulses.
bulk charge detection node and output amplifier
The TC281 image sensor uses a patented TI charge detection device called the bulk charge detection node.
In this structure, the signal electron packets are transferred under a uniquely designed p-channel MOS
transistor where they modulate the transistor threshold voltage. The threshold voltage changes are then
detected and represent the desired output signal. After sensing is completed, charge is removed from the node
by applying a reset pulse. One of the key advantages of the BCD charge detection concept is that charge is
sensed nondestructively. The nondestructive readout does not generate reset noise, therefore, eliminating the
need for the CDS post processing. Other advantages are high speed and a very low noise.
Emitter-follower output buffering is recommended for the TI image sensors. Also, it is recommended that the
emitter follower be ac coupled to the rest of the signal processing chain. AC coupling eliminates problems with
the sensor output dc stability and the sensor-to-sensor dc output level variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com