Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 2Page - Texas Instruments THS4032CD Datasheet HTML 3Page - Texas Instruments THS4032CD Datasheet HTML 4Page - Texas Instruments THS4032CD Datasheet HTML 5Page - Texas Instruments THS4032CD Datasheet HTML 6Page - Texas Instruments THS4032CD Datasheet HTML 7Page - Texas Instruments THS4032CD Datasheet HTML 8Page - Texas Instruments THS4032CD Datasheet HTML 9Page - Texas Instruments THS4032CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8.5
10
ICC
Supply current (each amplifier)
VCC = ±15 V
TA = full range
11
mA
ICC
Supply current (each amplifier)
VCC = ±5V
TA = 25°C
7.5
9
mA
VCC = ±5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ±5Vor ±15 V
TA = 25°C
85
95
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
80
dB
† Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Unity gain bandwidth
VCC = ±15 V,
Closed loop
RL = 1 kΩ
100§
120
MHz
Small signal bandwidth ( 3 dB)
VCC = ±15 V
Gain = –1 or 2
100
MHz
Small-signal bandwidth (–3 dB)
VCC = ±5 V
Gain = –1 or 2
90
MHz
BW
Bandwidth for 0 1 dB flatness
VCC = ±15 V
Gain = 1 or 2
50
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = –1 or 2
45
MHz
Full power bandwidth‡
VO(pp) = 20 V,
VCC = ±15 V
RL =1kΩ
1.6
MHz
Full power bandwidth‡
VO(pp) = 5 V,
VCC = ±5 V
RL = 1 kΩ
5
MHz
SR
Slew rate
VCC = ±15 V
RL = 1 kΩ
80§
100
V/
µs
Settling time to 0 1%
VCC = ±15 V,
5-V step
Gain = 1
60
ns
t
Settling time to 0.1%
VCC = ±5 V,
2.5-V step
Gain = –1
45
ns
ts
Settling time to 0 01%
VCC = ±15 V,
5-V step
Gain = 1
90
ns
Settling time to 0.01%
VCC = ±5 V,
2.5-V step
Gain = –1
80
ns
† Full range = –55
°C to 125°C for the THS4031M.
‡ Full power bandwidth = slew rate/2
πVO(Peak).
§ This parameter is not tested.
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS4031M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
VCC = ±5 V or ±15 V,
VO(pp) = 2 V,
RL = 150 Ω
–81
dBc
THD
Total harmonic distortion
CC
,
f = 1 MHz, Gain = 2,
O(
)
,
TA = 25°C
RL = 1 kΩ
–96
dBc
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
TA = 25°C
f = 10 kHz,
RL = 150 Ω
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
TA = 25°C
f = 10 kHz,
RL = 150 Ω
1.2
pA/
√Hz
Differential gain error
VCC = ±15 V
0.015%
Differential gain error
Gain = 2,
40 IRE modulation
NTSC and PAL,
±100 IRE ramp
VCC = ±5 V
0.02%
Differential phase error
40 IRE modulation,
TA = 25°C
±100 IRE ram ,
RL = 150 Ω
VCC = ±15 V
0.025
°
Differential phase error
TA 25 C
RL 150 Ω
VCC = ±5 V
0.03
°
† Full range = –55
°C to 125°C for the THS4031M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com