Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 14Page - Texas Instruments THS4032CD Datasheet HTML 15Page - Texas Instruments THS4032CD Datasheet HTML 16Page - Texas Instruments THS4032CD Datasheet HTML 17Page - Texas Instruments THS4032CD Datasheet HTML 18Page - Texas Instruments THS4032CD Datasheet HTML 19Page - Texas Instruments THS4032CD Datasheet HTML 20Page - Texas Instruments THS4032CD Datasheet HTML 21Page - Texas Instruments THS4032CD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
VCC = ± 5 V
12
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
34
Gain = 2
RF = 680 Ω
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
0.2
°
0.15
°
0.1
°
0.05
°
0
°
Number of 150-
Ω Loads
Figure 36
VCC = ± 5 V
12
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
34
Gain = 2
RF = 680 Ω
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
0.25
°
0.2
°
0.15
°
0.1
°
0.05
°
0
°
Number of 150-
Ω Loads
Figure 37
VCC = ± 5 V
12
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
34
Gain = 2
RF = 680 Ω
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
0.025
°
0.02
°
0.015
°
0.01
°
Number of 150-
Ω Loads
Figure 38
VCC = ± 5 V
12
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
34
Gain = 2
RF = 680 Ω
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
0.03
0.025
0.02
0.15
0.01
Number of 150-
Ω Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com