Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 27Page - Texas Instruments THS4032CD Datasheet HTML 28Page - Texas Instruments THS4032CD Datasheet HTML 29Page - Texas Instruments THS4032CD Datasheet HTML 30Page - Texas Instruments THS4032CD Datasheet HTML 31Page - Texas Instruments THS4032CD Datasheet HTML 32Page - Texas Instruments THS4032CD Datasheet HTML 33Page - Texas Instruments THS4032CD Datasheet HTML 34Page - Texas Instruments THS4032CD Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD
™ design considerations (continued)
The next thing to be considered is package constraints. The two sources of heat within an amplifier are
quiescent power and output power. The designer should never forget about the quiescent heat generated within
the device, especially multiamplifier devices. Because these devices have linear output stages (Class A-B),
most of the heat dissipation is at low output voltages with high output currents. Figure 57 to Figure 60 shows
this effect, along with the quiescent heat, with an ambient air temperature of 50
°C. When using VCC = ±5 V, heat
is generally not a problem, even with SOIC packages. But, when using VCC = ±15 V, the SOIC package is
severely limited in the amount of heat it can dissipate. The other key factor when looking at these graphs is how
the devices are mounted on the PCB. The PowerPAD
™ devices are extremely useful for heat dissipation. But,
the device should always be soldered to a copper plane to fully use the heat dissipation properties of the
PowerPAD
™. The SOIC package, on the other hand, is highly dependent on how it is mounted on the PCB. As
more trace and copper area is placed around the device,
θJA decreases and the heat dissipation capability
increases. The currents and voltages shown in these graphs are for the total package. For the dual amplifier
package (THS4032), the sum of the RMS output currents and voltages should be used to choose the proper
package.
Figure 57
Package With
θJA < = 120°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
VCC = ± 5 V
TJ = 150°C
TA = 50°C
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | – RMS Output Voltage – V
Maximum Output
Current Limit Line
THS4031
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area
Figure 58
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
SO-8 Package
θJA = 98°C/W
High-K Test PCB
TJ = 150°C
TA = 50°C
| VO | – RMS Output Voltage – V
VCC = ± 15 V
DGN Package
θJA = 58.4°C/W
THS4031
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com