Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 7Page - Texas Instruments THS4032CD Datasheet HTML 8Page - Texas Instruments THS4032CD Datasheet HTML 9Page - Texas Instruments THS4032CD Datasheet HTML 10Page - Texas Instruments THS4032CD Datasheet HTML 11Page - Texas Instruments THS4032CD Datasheet HTML 12Page - Texas Instruments THS4032CD Datasheet HTML 13Page - Texas Instruments THS4032CD Datasheet HTML 14Page - Texas Instruments THS4032CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
RL = 1 KΩ
RL = 150 Ω
TA = 25°C
8
6
4
2
57
9
11
10
12
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
14
13
15
± VCC – Supply Voltage – ± V
Figure 11
12
4.5
3.5
2.5
–40
–20
0
20
40
13
13.5
MAXIMUM OUTPUT VOLTAGE SWING
vs
FREE–AIR TEMPERATURE
14
60
80
100
12.5
4
3
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
TA – Free-Air Temperature – °C
VCC = ± 15 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
Figure 12
80
70
60
50
–40
–20
0
20
40
90
100
MAXIMUM OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
110
60
80
100
TA – Free-Air Temperature – °C
VCC = ± 15 V
Source Current
VCC = ± 15 V
Sink Current
VCC = ± 5 V
Sink Current
VCC = ± 5 V
Source Current
RL = 20 Ω
Figure 13
8
7
6
5
–40
–20
0
20
40
9
10
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
11
60
80
100
TA – Free-Air Temperature – °C
VCC = ± 15 V
VCC = ± 5 V
VCC = ± 10 V
Each Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com