Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 21Page - Texas Instruments THS4032CD Datasheet HTML 22Page - Texas Instruments THS4032CD Datasheet HTML 23Page - Texas Instruments THS4032CD Datasheet HTML 24Page - Texas Instruments THS4032CD Datasheet HTML 25Page - Texas Instruments THS4032CD Datasheet HTML 26Page - Texas Instruments THS4032CD Datasheet HTML 27Page - Texas Instruments THS4032CD Datasheet HTML 28Page - Texas Instruments THS4032CD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
unity-gain concerns (continued)
_
+
RC
CC
VI
RF
CL
VO
RL
Gain (dB)
Original Open
Loop Response
Unstable
Intersection
Stable
Intersection
Effective
Compensated
O.L. Response
(without CC)
0
See Note A
f
NOTE A: The difference is due to 1+RF/RC noise gain.
Figure 48. Unity Gain Compensation
driving a capacitive load
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS403x has been internally compensated to maximize its bandwidth and
slew-rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the phase margin of the device leading to high-frequency ringing or oscillations. Therefore,
for capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output
of the amplifier, as shown in Figure 49. A minimum value of 20
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
+
_
THS403x
CLOAD
360
Ω
Input
Output
360
Ω
20
Ω
Figure 49. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com