Electronic Components Datasheet Search
  English  ▼

X  

THS4032CD Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032CD Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 20Page - Texas Instruments THS4032CD Datasheet HTML 21Page - Texas Instruments THS4032CD Datasheet HTML 22Page - Texas Instruments THS4032CD Datasheet HTML 23Page - Texas Instruments THS4032CD Datasheet HTML 24Page - Texas Instruments THS4032CD Datasheet HTML 25Page - Texas Instruments THS4032CD Datasheet HTML 26Page - Texas Instruments THS4032CD Datasheet HTML 27Page - Texas Instruments THS4032CD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
optimizing frequency response (continued)
Table 1. Recommended Feedback Resistors
GAIN
Rf for VCC = ±15 V and ± 5 V
2
300
Ω
–1
360
Ω
5
3.3 k
Ω (low stray-c PCB only)
unity-gain concerns
THS403x was designed for extremely low noise with a minimum gain of 2 (–1). If the amplifier were to be
configured for unity gain, the output would tend to oscillate because the open-loop intersection on a Bode
diagram is at a –40 dB/decade slope instead of the –20 dB/decade slope required for stable operation. But, it
is sometimes desirable to have a low-noise unity gain buffer. There is a way to accomplish this feat with the
THS403x with some added complexity (see Figure 48). The lag compensation circuit shown in Figure 48
increases the noise gain of the amplifier without increasing the signal gain. Another way to look at this is that
the open-loop gain is effectively reduced by the 1 + RF/RC gain. This reduction causes the –40 dB/decade pole
to be shifted down into an open-loop gain of less than 1. The drawbacks of this circuit are the decreased
frequency response, the increased noise, and the increased output offset voltage (VOO). One way to eliminate
the VOO increase is to add a capacitor (CC) in series with RC, with the added requirement that the time constant
of CC and RC be set low enough for the Bode plot intersection to be at a –20 dB/decade slope. Typically, a 1
+ RF /RC gain of 2 to 3 yields a smooth frequency response for the THS403x. If CC is used, it is desirable to have
the 1/(2
π RCCC) frequency 5 to 10 times lower than the amplifier’s natural bandwidth. One additional advantage
this circuit provides is that it makes driving capacitive loads much easier. A capacitive load causes the
–40 dB/decade intersection (because of the phase lag), to be above unity gain, the same as described
previously. In general, this RC and CC modification can be used in both an inverting and noninverting
configuration with the same results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com