Electronic Components Datasheet Search
  English  ▼

X  

TL16C552AMFN Datasheet(PDF) 32 Page - Texas Instruments

Part # TL16C552AMFN
Description  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AMFN Datasheet(HTML) 32 Page - Texas Instruments

Back Button TL16C552AMFN Datasheet HTML 28Page - Texas Instruments TL16C552AMFN Datasheet HTML 29Page - Texas Instruments TL16C552AMFN Datasheet HTML 30Page - Texas Instruments TL16C552AMFN Datasheet HTML 31Page - Texas Instruments TL16C552AMFN Datasheet HTML 32Page - Texas Instruments TL16C552AMFN Datasheet HTML 33Page - Texas Instruments TL16C552AMFN Datasheet HTML 34Page - Texas Instruments TL16C552AMFN Datasheet HTML 35Page - Texas Instruments TL16C552AMFN Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
parallel port registers
The TL16C552A parallel port can connect the device to a Centronic-style printer interface. When chip select 2
(CS2) is low, the parallel port is selected. Table 12 shows the registers associated with this parallel port. The
read or write function of the register is controlled by the state of the read (IOR) and write (IOW) terminals as
shown. The read data register allows the microprocessor to read the information on the parallel bus.
The read status register allows the microprocessor to read the status of the printer in the six most significant
bits. The status bits are printer busy BSY, acknowledge (ACK) (a handshake function), paper empty (PE), printer
selected (SLCT), error (ERR), and printer interrupt (PRINT). The read control register allows the state of the
control lines to be read. The write control register sets the state of the control lines. They are direction (DIR),
interrupt enable (INT2 EN), select in (SLIN), initialize the printer (INIT), autofeed the paper (AFD), and strobe
(STB), which informs the printer of the presence of a valid byte on the parallel bus. The write data register allows
the microprocessor to write a byte to the parallel bus. The parallel port is completely compatible with the parallel
port implementation used in the IBM serial parallel adapter.
Table 12. Parallel Port Registers
REGISTER
REGISTER BITS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Read data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Read status
BSY
ACK
PE
SLCT
ERR
PRINT
1
1
Read control
0
0
PEMD
• DIR INT2 EN
SLIN
INIT
AFD
STB
Write data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Write control
0
0
DIR
INT2 EN
SLIN
INIT
AFD
STB
Table 13. Parallel Port Register Select
CONTROL PINS
REGISTER SELECTED
IOR
IOW
CS2
A1
A0
REGISTER SELECTED
L
H
L
L
L
Read data
L
H
L
L
H
Read status
L
H
L
H
L
Read control
L
H
L
H
H
Invalid
H
L
L
L
L
Write data
H
L
L
L
H
Invalid
H
L
L
H
L
Write control
H
L
L
H
H
Invalid
programmable baud rate generator
The ACE serial channel contains a programmable baud rate generator (BRG) that divides the clock (dc to
8 MHz) by any divisor from 1 to (216 – 1). The output frequency of the baud generator is 16x the data rate [divisor
# = clock
÷ (baud rate x 16)], referred to in this document as RCLK. Two 8-bit divisor latch registers store the
divisor in a 16-bit binary format. These divisor latch registers must be loaded during initialization. Upon loading
either of the divisor latches, a 16-bit baud counter is immediately loaded. This prevents long counts on initial
load. The BRG can use any of three different popular frequencies to provide standard baud rates. These
frequencies are 1.8432 MHz, 3.072 MHz, and 8 MHz. With these frequencies, standard bit rates from 50 to
512 kbps are available. Tables 14, 15, 16, and 17 illustrate the divisors needed to obtain standard rates using
these three frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com