Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 2 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 2 Page - Gunter Seniconductor GmbH.

  TCA440 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM - Receiver Circuit
Package
Technical Data
TCA440/T
Edition 09/00
19.4
± 0.2
0.47
±0.12
≤ 1.40
2.50
≤ 1.27
16
15
14
13
12
11
10
1234
5
67
8
9
0.25 M
0.27
+0.09
-0.07
7.55
6.4
+0.2
- 0.1
7.9 . . . 9.7
≤ 0.98
09/00
1
TCA440
• DIP 16
Description
The TCA440/T is an efficient bipolar monolithic
circuit to apply in battery - powered or mains -
operated radio receivers up to 30 MHz. It contains
controlled RF stage, mixer, separated oscillator and
regulated multistage IF amplifier.
Features
• symmetrical structured circuitry
• controlled RF prestage
• multiplicative balanced mixer, separated oscillator
• very well implemented large - signal characteristic
begins already from 4.5 V supply voltage
• terminals for indicating instrument
• controlled IF amplifier implementing 60 dB control
range
• external demodulator (diode)
• wide range of supply voltage between 4.5 and 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com