Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 12 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 12 Page - Gunter Seniconductor GmbH.

Back Button TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Application Hints
The PCB is to arrange such that there are maximum ground lines (ground area) voltage supply has to be blocked
to ground by a capacitor of 10...100 nF in order to avoid distortions. Blocking should be as close as possible to
the circuit.
The RF circuit has to layout such that 150 mV(rms) oscillator voltage are applied to pin 5. Symmetrically applying
an external oscillator is possible to pin 4 or pin 5. The unused input must be connected to ground via capacitor
and in the same time be connected to supply voltage at pin 6.
It is recommendable to profide off earth connections 1 and 3, because in this way common - mode interferences
more effectively can be suppessed. Single - sided capacitive control of pin 1 and 2 is possible, the unused input
must be connected to ground via capacitor.
Mixer outputs 15 and 16 can be used equivalently.
Load resistances of the mixer (IF selection) at pin 15 respectively pin 16 should run to approximately 7 k
Ω.
To avoid saturation of the multiplier the maximum peak voltage occuring during operation should not exceed the
level (VCC - 3 V) IF response to voltage from pin 15 respectively pin 16 to pin 12 should be approximately - 18 dB
that the control characteristics of IF - and RF - part optimally be matched.
Peak voltage at pin 7 occuring during operation should not exceed 2 V that the IF output does not go into
saturation.
All the RF bypass capacitors should amount to 100 nF. Sufficient decoupling of wavemagnet and oscillator coil is
to be taken into consideration.
All components and parts must be carefully proportioned in order to obtain optimum wise characteristics.
Wavemagnets applied should so much mass as possible. The transformation ratio of the input circuitry should run
to 10...12.
In order to improve RF response characteristic a RF preselector can be additionally preceded or the wavemagnet
can be tighty coupled by means of an emitter follower impedance transformer.
Improvement of signal - to - noise ratio at average input voltages can be obtained by delayed control of the RF
part. Control should be start at approximately 1...2 mV.
VgoHF
TCA 440 T
~
~
~
4
5
6
2
1
3
8
11
13
9
7
14
15
12
10
16
S3
330p
±2.5%
W1a
W1
100n
+50%
-20%
R
1.8k
±2%
20
µ
±20%
8.2k
±5%
100n
+50%
-20%
4.7
µ
±50%
S1
100
±2%
W
Rp3
1.5n
±2.5%
x
A
12k
±2%
3.3n
+50%
-20%
4.7
µ
±50%
VAF
+VCC
1.5n
±2.5%
Rp2
W
10n
+50%
-20%
W
1.5k
±2%
100n
+50%
-20%
25
Ω ≤ RG ≤
100
Ω
47
µ ±50%
100n
+50%
-20%
39k
±2%
S2
• TCA440 T
Copying is generally permitted, indicating the source. However, our consent must be obtained in all cases. MEGAXESS reserves the
right to make changes in specifications at any time and without notice. The information and suggestions are given without obligation
and cannot give rise to any liability, they do not indicate the availability of the components mentioned. The information included
herein is believed to be accurate and reliable. However, MEGAXESS assumes no responsibility for its use; nor for any infringements
of patents or of other rights of third parties which may result from its use.
Megaxess GmbH Deutschland • POB 1370 • 15236 Frankfurt(Oder) • Germany
Phone +49 335 2005 • FAX +49 335 3251 • Internet http://www. megaxess.de
09/00
TCA440/T
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com