Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 4 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 4 Page - Gunter Seniconductor GmbH.

  TCA440 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Functional Description
It contains several function units, which enable designing and assembling of efficient AM tuners. Caused by
internal voltage stabilization characteristics are rather independent from supply voltage.
The RF input signal reaches via a controllable and overdriving proof preselector stage a balanced mixer. By
means of a RF - signal generated by a separated oscillator the input signal is transported into IF. Multiplicative
mixing causes only few harmonic content. Gain control is carried out by means of two separated feedback control
loops for preselector stage and IF amplifier. By these a loop bandwidth of approximately 100 dB is obtained. The
control voltage of the IF - amplifier can be used to drive a moving - coil instrument (field strength indicator). The IF
amplifier consists of 4 amplifier stages, the first, second and third can be controlled. The bandwidth of the IF
amplifier is approximately 2 MHz and on that account sufficient for usual IF frequencies in the AM range of
approximately 460 kHz.
The symmetrical arrangement of the entire circuitry guarantees well oscillating. The bridge of the mixer avoids
direct breakdown.
Absolute Maximum Ratings
min
max
unit
Supply voltage
VCC
4.5
15.0
V
Junction temperature
Tj
150
°C
Ambient operating temperature
Ta
-15
80
°C
Storage temperature
Ts
-40
125
°C
Total thermal resistance
Rthja
120
K/W
Recommended Operational Conditions
min
max
unit
Supply voltage
VCC
4.5
15
V
Ambient operating temperature
Ta
-10
70
°C
09/00
3
TCA440/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com