Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 11 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 11 Page - Gunter Seniconductor GmbH.

Back Button TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Examples
V
9 (mV)
0
200
400
800
600
0
200
400
600
800
TCA 440 / T
V
iIF = 100 µV
f
i = 455 kHz
V
CC = parameter
V
7 = f ( V9 )
9 V
5 V
V
3 (mV)
0
100
200
400
300
0
10
20
30
40
5 V
9 V
TCA 440 / T
V
goHF = 700 µV
f
i = 1 MHz
V
15 = f ( V3 )
V
CC = parameter
10
09/00
TCA440/T
VgoHF
TCA 440
~
~
~
4
5
6
2
1
3
8
11
13
9
7
14
15
12
10
16
S4
S3
C13
330
Fi1
W1a
W1b
W2
C12
100n
R
R1
1.8k
C1
20
µ
R2
8.2k
C2
100n
C3
100n
C4
4.7
µ
S1
39k
R4
100
R3
W
Fi3
Rp3 C5
1.5n
x
A
D1
R5
12k
C6
3.3n
C7
4.7
µ V
AF
VIF
R9
VCC
60
C14
10n
C10
4.7
µ
C11
100n
C8
1.5n
Rp2
W1
Fi2
C9
10n
W2
a
b
S6
R6
1.5k
S5
C12
1.5n
Fi4
W1
W2
S2
C13
10n
D2
25
Ω ≤ RG ≤ 100Ω
• TCA 440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com