Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 6 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 6 Page - Gunter Seniconductor GmbH.

Back Button TCA440 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 10Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
min
typ
max
unit
IF suppression
alF
20
dB
between 1 - 2 and 15
RF input impedance
unbalanced coupling
ViHFmax
Zi
2 II 5
k
ΩIIpF
ViHFmin
Zi
2.2 II 1.5
k
ΩIIpF
balanced coupling
ViHFmax
Zi
4.5
k
Ω
ViHFmin
Zi
4.5 II 1.5
k
ΩIIpF
Mixer output impedance
(pin 15 or 16)
Zo
250 II 4.5
k
ΩIIpF
Steepness
SHF
28
mS
IF part
Input frequency range
filF
0
2
MHz
Control range
∆G
V
62
dB
filF = 455 kHz, ∆VNF = 10 dB
Start of control
VctrlF
140
µV
(
∆V
iIF / ∆VNF = 10 dB / 3 dB)
maximum IF input voltage
VilFmax
200
mV
(THDNF = 10 %)
NF output voltage
applied to 60
Ω
VZF = 30 µV
VNF(rms)
50
mV
VZF = 3 mV
VNF(rms)
200
mV
VZF = 3 mV; m = 0.3
VNF(rms)
70
mV
IF input impedance
(unbanlanced coupling)
ZilF
3 II 3
k
ΩllpF
IF output impedance
ZO
200 II 8
k
ΩIIpF
(pin 7)
Indication instrument
Recommended indication instruments: 500 µA (Ri = 800 Ω)
300 µA (Ri = 1.5 kΩ)
For indication a voltage source of 600 m V(EMF) and an internal source impedance of 400 Ω is available.
09/00
TCA440/T
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com