Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 8 Page - Gunter Seniconductor GmbH.

Part # TCA440
Description  AM - Receiver Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TCA440 Datasheet(HTML) 8 Page - Gunter Seniconductor GmbH.

Back Button TCA440 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TCA440 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
V
iIF ( µV )
10 1
10 2
10 4
10 7
10 3
0
100
200
300
400
9V
5V
TCA 440 / T
V
AF = f ( ViIF )
V
3 = parameter
f
IF = 455 kHz
m = 0.8; f
m = 1 kHz
V
iIF ( µV )
10 2
10 3
10 4
10 6
0
2
4
6
8
9V
5V
TCA 440 / T
THD = f ( V
iIF )
f
IF = 455 kHz
m = 0.8; f
m = 1 kHz
0
V
goHF (µV)
10 2
10 3
10 4
100
200
300
400
9V
5V
10 6
500
10 0
10 1
TCA 440 / T
V
10 = f ( VgoHF )
V
CC = parameter
f
i = 1 MHz
V
iIF (µV)
10 3
10 4
10 5
10 6
10 1
10 2
0
200
400
600
800
9V
5V
TCA 440 / T
V
9 = f ( ViIF )
V
CC = parameter
f
IF = 455 kHz
09/00
7
TCA440/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com