Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 2Page - Texas Instruments TLC5910PZP Datasheet HTML 3Page - Texas Instruments TLC5910PZP Datasheet HTML 4Page - Texas Instruments TLC5910PZP Datasheet HTML 5Page - Texas Instruments TLC5910PZP Datasheet HTML 6Page - Texas Instruments TLC5910PZP Datasheet HTML 7Page - Texas Instruments TLC5910PZP Datasheet HTML 8Page - Texas Instruments TLC5910PZP Datasheet HTML 9Page - Texas Instruments TLC5910PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BCENA
94
I
Brightness control enable. When BCENA is low, brightness control latch is set to the default
value. The output current value in this status is 100% of setting the value by an external resistor.
The frequency division ratio of GSCLK is 1/1. When BCENA is high, writing to brightness control
latch is enabled.
BLANK
67
I
Blank(light off). When BLANK is high, all outputs of the constant current driver are turned off.
When GSPOL is high, the output is turned on (LED on), synchronizing to the falling edge of
GSCLK after the next rising edge of GSCLK, when BLANK goes from high to low. When GSPOL
is low, the output is turned on (LED on), synchronizing to the rising edge of GSCLK after the
next falling edge of GSCLK, when BLANK goes from high to low.
BOUT
53
O
BLANK buffered output
DCCLK
62
I
Clock input for data transfer. The input data is from DCDIN (port B) , output data at DCDOUT,
and all data on the shift register for dot correction data, from DCDIN, is shifted by 1 bit
synchronizing to the rising edge of DCCLK.
DCDIN0 –
DCDIN5
86,87,88,
89,90,91
I
Input for 6 bit parallel data (port B). These terminals are used as a shift register input for dot
correction data.
DCDOUT0 –
DCDOUT5
40,39,38,
37,36,35
O
Output for 6 bit parallel data (port B). These terminals are used as a shift register output for dot
correction data.
DCENA
95
I
Latch enable for dot correction data. When DCENA is low, the latch is set to the default value.
At this time, the output current value is 100% of the value set by an external resistor.
DCLK
64
I
Clock input for data transfer. The input data is from DIN (port A) , all data on the shift register
selected by RSEL, 1 and output data at DOUT is shifted by 1 bit synchronizing to DCLK. Note
that synchronizing to either the rising or falling edge of DCLK depends on the value of DPOL.
DIN0 – DIN9
76,77,78,79,80,
81,82,83,84,85
I
Input for 10 bit parallel data (port A). These terminals are inputs to the shift register for gray scale
data, brightness control, and dot correction data. The register selected is determined by RSEL0,
1.
DOUT0 –
DOUT9
50,49,48,47,46,
45,44,43,42,41
O
Output for 10 bit parallel data (port A). These terminals are outputs to the shift register for gray
scale data, brightness control, and dot correction data. The register selected is determined by
RSEL0, 1.
DPOL
96
I
Select the valid edge of DCLK. When DPOL is high, the rising edge of DCLK is valid. When
DPOL is low, the falling edge of DCLK is valid.
GNDANA
28
Analog ground (internally connected to GNDLOG and GNDLED)
GNDLOG
98
Logic ground (internally connected to GNDANA and GNDLED)
GNDLED
1,4,7,10,13,
16,19,22,25
LED driver ground (internally connected to GNDANA and GNDLED)
GSCLK
68
I
Clock input for gray scale. When MAG0 to MAG2 are all low, GSCLK is used for pulse width
control, and GSCLK is used for PLL timing control when either MAG is not low. The gray scale
display is accomplished by lighting LEDs on until the number of GSCLK or PLL clocks counted
is equal to data latched.
GSPOL
69
I
Select the valid edge of GSCLK. When GSPOL is high, the rising edge of GSCLK is valid. When
GSPOL is low, the falling edge of GSCLK is valid.
IREF
32
I/O
Constant current value setting. LED current is set to the desired value by connecting an external
resistor between IREF and GND. The 38 times current compares current across the external
resistor sink on the output terminal.
LEDCHK
58
I
LED disconnection detection enable. When LEDCHK is high, LED disconnection detection is
enabled and XDOWN2 is valid. When LEDCHK is low, LED disconnection detection is disabled.
MAG0 – MAG2
73,72,71
I
PLL multiple ratio setting. The clock frequency generated by PLL referenced to GSCLK is set.
OPEN
57
TEST. Factory test terminal. OPEN should be opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com