Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 22Page - Texas Instruments TLC5910PZP Datasheet HTML 23Page - Texas Instruments TLC5910PZP Datasheet HTML 24Page - Texas Instruments TLC5910PZP Datasheet HTML 25Page - Texas Instruments TLC5910PZP Datasheet HTML 26Page - Texas Instruments TLC5910PZP Datasheet HTML 27Page - Texas Instruments TLC5910PZP Datasheet HTML 28Page - Texas Instruments TLC5910PZP Datasheet HTML 29Page - Texas Instruments TLC5910PZP Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PZP (S-PQFP-G100)
PowerPAD
™ PLASTIC QUAD FLATPACK
0,13 NOM
50
26
Thermal Pad
(see Note D)
0,75
0,45
0,25
Seating Plane
4146929/A 04/99
Gage Plane
0,27
75
0,17
76
100
SQ
SQ
1
15,80
16,20
14,20
13,80
12,00 TYP
1,05
0,95
1,20 MAX
51
25
0,50
M
0,08
0,08
0
°–7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.. The demensions of the
thermal pad are 2 mm x 2 mm. The pad is centered on the bottom of the package.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com