Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 19Page - Texas Instruments TLC5910PZP Datasheet HTML 20Page - Texas Instruments TLC5910PZP Datasheet HTML 21Page - Texas Instruments TLC5910PZP Datasheet HTML 22Page - Texas Instruments TLC5910PZP Datasheet HTML 23Page - Texas Instruments TLC5910PZP Datasheet HTML 24Page - Texas Instruments TLC5910PZP Datasheet HTML 25Page - Texas Instruments TLC5910PZP Datasheet HTML 26Page - Texas Instruments TLC5910PZP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
constant output current
0
RIREF – kΩ
10.0
1.0
10
20
30
40
50
60
70
80
0.1
90
Conditions: VOUT = 1.0V, VIREF = 1.21V
I
OLC(mA)
V
IREF(V)
R
IREF(kW)
38
≅
R
IREF (kW)
47
I
OLC(mA)
≅
NOTE: The brightness control and dot corrected value are 100%. The resistor, RIREF, should be located as close to the IREF terminal as possible
to avoid the noise influence.
Figure 11. Current on Constant Current Output vs External Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com