Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 13Page - Texas Instruments TLC5910PZP Datasheet HTML 14Page - Texas Instruments TLC5910PZP Datasheet HTML 15Page - Texas Instruments TLC5910PZP Datasheet HTML 16Page - Texas Instruments TLC5910PZP Datasheet HTML 17Page - Texas Instruments TLC5910PZP Datasheet HTML 18Page - Texas Instruments TLC5910PZP Datasheet HTML 19Page - Texas Instruments TLC5910PZP Datasheet HTML 20Page - Texas Instruments TLC5910PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
output current adjustment on each constant current output – LED brightness adjustment
By using the 6 bits of the dot correction latch, the output current on each constant current output can be adjusted
to 64 steps. 1 step of 0.8% current ratio between 100% and 50.8% when the set output current is 100% by an
external resistor at 111111h of the latched value and the lower 6 bits of the brightness control register. By using
this function, the brightness deviation due to LED brightness variation can be minimized. When DCENA is pulled
low, the output current is set to 100% without dot correction.
Table 4. Relative Current Ratio By Constant Current Output
CODE
CURRENT RATIO (%)
IOLC=40 (mA)
MSB 000000 LSB
50.8
20.3
.
.
.
.
.
.
.
.
.
.
.
.
111110
99.2
39.7
111111†
100
40
† DCENA is low.
clock edge selection
The high speed clock signal is delayed due to the duty ratio change through multiple stages of an IC or through
the module stages shown in Figure 6.
A’
IN
A
OUT
IN
A
OUT
OUT’
IN
A
OUT
IN’
A’
OUT
a) Propagate through multiple stages buffer
with slow falling edge
b) Insert inverter between buffers
Figure 6. Clock Edge Selection
As shown in Figure 6 a), if the falling at the internal buffer is behind the rising, the clock will disappear as multiple
cascade connections are made. To resolve this problem, the duty ratio can be held unchanged using the
connection as shown in Figure 6 b) if the valid clock edge can be selected (arrow in Figure 6). Note that the clock
delay is not avoided even in this case.
The device incorporates the clock edge selection function for each DCLK and GSCLK. By using this function,
the falling edge or rising edge for the valid edge can be selected depending on the status of DPOL and GSPOL.
Thus the degradation for the duty ratio can be reduced. The relation between each signals is shown in
Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com