Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 12Page - Texas Instruments TLC5910PZP Datasheet HTML 13Page - Texas Instruments TLC5910PZP Datasheet HTML 14Page - Texas Instruments TLC5910PZP Datasheet HTML 15Page - Texas Instruments TLC5910PZP Datasheet HTML 16Page - Texas Instruments TLC5910PZP Datasheet HTML 17Page - Texas Instruments TLC5910PZP Datasheet HTML 18Page - Texas Instruments TLC5910PZP Datasheet HTML 19Page - Texas Instruments TLC5910PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
brightness control function
By writting data into the brightness control latch, the current on all constant current outputs can be adjusted to
control the variation of brightness between ICs and the division ratio for the gray scale clock can be set to control
the variation of brigtness for the total panel system. Furthermore, by writing data into the dot correction latch,
the current on each constant current output can be adjusted.
output current adjustment on all constant current outputs – brightness adjustment between ICs
By using the lower 6 bits of the brightness control latch, the output current can be adjusted to 64 steps. 1 step
of 0.8% current ratio between 100% and 50.8% when the set output current is 100% by an external resistor (note
that the current value is lower if the constant current output is corrected using the dot correction function). By
using this function, the brightness control between modules (ICs) can be adjusted sending the desired data
externally even if the ICs are mounted on a print-circuit board. When BCENA is pulled low, output current is set
to 100%.
Table 2. Relative Current Ratio For Total Constant Current Output
CODE
CURRENT RATIO
(%)
20
(mA)
80
(mA)
VIREF
(TYP)
MSB 000000 LSB
50.8
10.2
40.6
0.61
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
111110
99.2
19.8
79.7
1.20
111111†
100
20.0
80.0
1.21
† BCENA is low.
frequency division ratio setting for gray scale clock – panel brightness adjustment
By using the upper 4 bits of the brightness control latch, the gray scale clock can be divided into 1/1 to 1/16.
If the gray scale clock is set to 16 times the speed (1024
×16=16384) of frequency during horizontal scanning
time, the brightness can be adjusted to 16 steps selecting the frequency division ratio. By using this function,
the total panel brightness can be adjusted at once, and it applies to the brightness of day or night circumstances.
When BCENA is pulled low, the gray scale clock is not divided. When BCENA is pulled high, the brightness can
be adjusted (see Table 3).
Table 3. Relative Brightness Ratio For Total Constant Current Output
CODE
FREQUENCY
DIVISION RATIO
RELATIVE BRIGHTNESS RATIO
(%)
MSB 0000 LSB†
1/1
6.3
.
.
.
.
.
.
.
.
.
.
.
.
1110
1/15
93.8
1111
1/16
100
† BCENA is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com