Electronic Components Datasheet Search
  English  ▼

X  

TLC5910PZP Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC5910PZP
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 21Page - Texas Instruments TLC5910PZP Datasheet HTML 22Page - Texas Instruments TLC5910PZP Datasheet HTML 23Page - Texas Instruments TLC5910PZP Datasheet HTML 24Page - Texas Instruments TLC5910PZP Datasheet HTML 25Page - Texas Instruments TLC5910PZP Datasheet HTML 26Page - Texas Instruments TLC5910PZP Datasheet HTML 27Page - Texas Instruments TLC5910PZP Datasheet HTML 28Page - Texas Instruments TLC5910PZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
tsu (RSEL–DOUT)
Default Value “0”
(Brightness Control Latch: Internal Signal)
D0_F
D0_A
D0_C
D9_C
D9_J
D9_K
D9_L
D9_M
D9_N
D9_O
D9_B
RSEL0
BCENA
XOE
DCLK
XLATCH
DOUT0
DOUT9
th (XLATCH–DCLK)
Figure 13. Timing Diagram (Shift Register for Brightness Control)
BCL_0–5
twh (XLATCH)
D0_E
D0_G
D0_H
D0_I
td (DCLK–DOUT)
td (XOE↑–DOUT)
RSEL1
DIN0
DIN9
BCL_6–9
XENABLE
tsu (RSEL–DCLK)
Default Value “1”
tsu (RSEL–XLATCH)
th (RSEL–XLATCH)
tsu (RSEL–DCLK)
D0_A
D0_C
D0_J
D0_K
D0_L
D0_M
D0_N
D0_O
D0_B
Default Value “1”
Default Value “0”
D<5:0>_A
D<9:6>_A
D9_F
D9_A
D9_C
D9_E
D9_G
D9_H
D9_I
DPOL and DCLK can be replaced with signals inverted with each other. Same as the shift register for the gray scale data.
DPOL
D9_A
td (XOE↓–DOUT)
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com