Electronic Components Datasheet Search
  English  ▼

X  

TMS320C240 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320C240
Description  DSP CONTROLLERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C240 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320C240 Datasheet HTML 38Page - Texas Instruments TMS320C240 Datasheet HTML 39Page - Texas Instruments TMS320C240 Datasheet HTML 40Page - Texas Instruments TMS320C240 Datasheet HTML 41Page - Texas Instruments TMS320C240 Datasheet HTML 42Page - Texas Instruments TMS320C240 Datasheet HTML 43Page - Texas Instruments TMS320C240 Datasheet HTML 44Page - Texas Instruments TMS320C240 Datasheet HTML 45Page - Texas Instruments TMS320C240 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
TMS320C240, TMS320F240
DSP CONTROLLERS
SPRS042D – OCTOBER 1996 – REVISED NOVEMBER 1998
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
full compare units
There are three full compare units on TMS320x240. These compare units use GP timer1 as the timebase and
generate six outputs for compare and PWM-waveform generation using programmable deadband circuit. The
state of each of the six outputs is configured independently. The compare registers of the compare units are
double-buffered, allowing programmable change of the compare/PWM pulse widths as needed.
programmable-deadband generator
The deadband generator circuit includes three 8-bit counters and an 8-bit compare register. Desired deadband
value (from 0 to 102
ms) can be programmed into the compare register for the outputs of the three compare units.
The deadband generation can be enabled/disabled for each compare unit output individually. The
deadband-generator circuit produces two outputs (with or without deadband zone) for each compare unit output
signal. The output states of the deadband generator are configurable and changeable as needed by way of the
double-buffered ACTR register.
simple compares
TMS320x240 is equipped with three simple compares that can be used to generate three additional
independent compare or high-precision PWM waveforms. GP timer1 or 2 can be selected as the timebase for
the three simple compares. The states of the outputs of the three simple compares are configurable as
low-active,
high-active,
forced-low,
or
forced-high
independently.
Simple
compare
registers
are
double-buffered, allowing programmable change of the compare/PWM pulse widths as needed. The state of
the simple-compare outputs is configurable and changeable as needed by way of the double-buffered SACTR
register.
compare / PWM waveform generation
Up to 12 compare and/or PWM waveforms (outputs) can be generated simultaneously by TMS320x240: three
independent pairs (six outputs) by the three full compare units with
programmable deadbands, three
independent compares or PWMs (three outputs) by the simple compares, and three independent compare and
PWMs (three outputs) by the GP-timer compares.
compare/PWMs characteristics
Characteristics of the compare / PWMs are as follow:
D 16-bit, 50-ns resolutions
D Programmable deadband for the PWM output pairs, from 0 to 102 ms
D Minimum deadband width of 50 ns
D Change of the PWM carrier frequency for PWM frequency wobbling as needed
D Change of the PWM pulse widths within and after each PWM period as needed
D External maskable power and drive-protection interrupts
D Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space
vector PWM waveforms
D Minimized CPU overhead using auto-reload of the compare and period registers
capture unit
The capture unit provides a logging function for different events or transitions. The values of the GP timer 2
counter and/or GP timer 3 counter are captured and stored in the two-level first-in first-out (FIFO) stacks when
selected transitions are detected on capture input pins, CAPx for x = 1, 2, 3, or 4. The capture unit of the
TMS320x240 consists of four capture circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com