Electronic Components Datasheet Search
  English  ▼

X  

TMS320C240 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320C240
Description  DSP CONTROLLERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C240 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320C240 Datasheet HTML 90Page - Texas Instruments TMS320C240 Datasheet HTML 91Page - Texas Instruments TMS320C240 Datasheet HTML 92Page - Texas Instruments TMS320C240 Datasheet HTML 93Page - Texas Instruments TMS320C240 Datasheet HTML 94Page - Texas Instruments TMS320C240 Datasheet HTML 95Page - Texas Instruments TMS320C240 Datasheet HTML 96Page - Texas Instruments TMS320C240 Datasheet HTML 97Page - Texas Instruments TMS320C240 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
TMS320C240, TMS320F240
DSP CONTROLLERS
SPRS042D – OCTOBER 1996 – REVISED NOVEMBER 1998
94
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operating characteristics over recommended operating condition ranges†
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
VCCA =5 5V
converting
5
ICCA
Analog supply current
VCCA = 5.5 V
non-converting
2
mA
ICCA
Analog su
ly current
VCCA = VREFHI = 5.5 V
PLL or OSC power
down
1
mA
Iref
Input charge current, VREFHI or VREFLO
VCCA = VCCD = VREFHI = 5.5 V, VREFLO = 0 V
5
mA
C i
Analog input capacitance
Typical capacitive load on
non-sampling
6
pF
Cai
Analog input capacitance
y
analog input pin
sampling
8
pF
ZAI
Analog input source impedance
Analog input source impedance for conversions to
remain within specifications.
9
k
Ω
EDNL
Differential nonlinearity error
Difference between the actual step width and the ideal
value
– 1
1.5
LSB
EINL
Integral nonlinearity error
Maximum deviation from the best straight line through
the ADC transfer characteristics, excluding the
quantization error
"1.5
LSB
td(PU)
Delay time, power-up to ADC valid
Time to stabilize analog stage after power-up
10
ms
† Absolute resolution=4.89mV.AtVREFHI=5VandVREFLO=0V,thisisoneLSB.AsVREFHIdecreases,VREFLOincreases,orboth,theLSBsizes
decrease. Therefore, the absolute accuracy and differential/integral linearity errors in terms of LSBs increase.
The ADC module allows complete freedom in the design of the sources for the analog inputs. The period of the
sample time is independent of the source impedance. The sample-and-hold period occurs in the first half-period
of the ADC clock after the ADCIMSTART bit or the ADCSOC bit of the ADC control register 1 (ADCTRL1, bits 13
and 0, respectively) is set to 1. The conversion then occurs during the next six ADC clock cycles. The digital
result registers are updated on the next ADC clock cycle once the conversion is completed.
ADC input pin circuit
One of the most common A/D application errors is inappropriate source impedance. In practice, minimum
source impedance should be used to limit the error as well as minimize the required sampling time; however,
the source impedance must be smaller than ZAI. A typical ADC input pin circuit is shown in Figure 47.
VIN
R1
Requiv
VAI (to ADCINx input)
R1 = 9 k
Ω typical
Figure 47. Typical ADC Input Pin Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com