Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
program EPROM†
The TMS370C712 device contains 8K bytes of EPROM mapped, beginning at location 6000h and continuing
through location 7FFFh as shown in Figure 3. Reading the program EPROM modules is identical to reading
other internal memory. During programming, the EPROM is controlled by the EPROM control register (EPCTL).
The program EPROM module features include:
D Programming
–
In-circuit programming capability if VPP is applied to MC
–
Control register: EPROM programming is controlled by the EPROM control register (EPCTL) located in
the peripheral file (PF) frame at location P01Ch as shown in Table 6.
D Write protection: Writes to the program EPROM are disabled under the following conditions:
–
Reset: All programming to the EPROM module is halted
–
Low-power modes
–
13 V not applied to MC
program ROM†
The program ROM consists of 2K to 8K bytes of mask programmable read-only memory (see Table 7). The
program ROM is used for permanent storage of data or instructions. Programming of the mask ROM is
performed at the time of device fabrication.
Table 7. Program ROM Memory Map
’x11
’x10
’x12
ROM size
2K bytes
4K bytes
8K bytes
Memory mapped
7800h – 7FFFh
7000h – 7FFFh
6000h – 7FFFh
system reset
The system-reset operation ensures an orderly start-up sequence for the TMS370Cx1x CPU-based device.
There are up to three different actions that can cause a system reset to the device. Two of these actions are
generated internally, while one (RESET pin) is controlled externally. These actions are as follows:
D Watchdog (WD) timer. A watchdog-generated reset occurs if an improper value is written to the WD key
register, or if the re-initialization does not occur before the watchdog timer timeout . See the
TMS370 Family
User’s Guide (literature number SPNU127) for more information.
D Oscillator reset. Reset occurs when the oscillator operates outside of the recommended operating range.
See the
TMS370 Family User’s Guide (literature number SPNU127) for more information.
D External RESET pin. A low level signal can trigger an external reset. To ensure a reset, the external signal
should be held low for one SYSCLK cycle. Signals of less than one SYSCLK can generate a reset. See the
TMS370 Family User’s Guide (literature number SPNU127) for more information.
Once a reset source is activated, the external RESET pin is driven (active) low for a minimum of eight SYSCLK
cycles. This allows the ’x1x device to reset external system components. Additionally, if a cold start (VCC is off
for several hundred milliseconds) condition or oscillator failure occurs or the RESET pin is held low, then the
reset logic holds the device in a reset state for as long as these actions are active.
† Memory addresses 7FF8h through 7FFFh are reserved for interrupt and reset vectors. Trap vectors, used with TRAP0 through TRAP15
instructions are located between addresses 7FC0h and 7FDFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com