Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 4Page - Texas Instruments TPS76301DBVT Datasheet HTML 5Page - Texas Instruments TPS76301DBVT Datasheet HTML 6Page - Texas Instruments TPS76301DBVT Datasheet HTML 7Page - Texas Instruments TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 5
TJ − Junction Temperature − °C
TPS76318
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.74
−35
5
1.8
1.78
−15
25
125
1.82
−55
45
65
85
105
IO = 150 mA
IO = 1 mA
1.75
1.79
1.76
1.81
1.77
VI = 3.5 V
CI = CO = 4.7 µF
Figure 6
TJ − Junction Temperature − °C
TPS76350
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5.02
4.98
4.94
4.9
−35
5
5.04
5
4.96
4.92
−15
25
125
5.1
−55
45
65
5.06
5.08
85
105
IO = 150 mA
IO = 1 mA
VI = 6 V
CI = CO = 4.7 µF
Figure 7
TJ − Junction Temperature − °C
100
10
−35
5
−15
25
125
−55
45
65
1000
85
105
TPS76350
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
VI = 6 V
CI = CO = 4.7 µF
IO = 0 mA and 150 mA
Figure 8
f − Frequency − Hz
1k
10k
100k
250
OUTPUT NOISE
vs
FREQUENCY
2
mVHz
2.5
mVHz
3
mVHz
1
mVHz
1.5
mVHz
0
mVHz
0.5
mVHz
CO = 4.7 µF
IO = 1 mA
CO = 4.7 µF
IO = 150 mA
CO = 10 µF
IO = 150 mA
CO = 10 µF
IO = 1 mA
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com