Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments TPS76301DBVT Datasheet HTML 15Page - Texas Instruments TPS76301DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
12
APPLICATION INFORMATION
The TPS763xx low-dropout (LDO) regulators are new families of regulators which have been optimized for use in
battery-operated equipment and feature extremely low dropout voltages, low quiescent current (140
µA), and an enable
input to reduce supply currents to less than 2
µA when the regulator is turned off.
device operation
The TPS763xx uses a PMOS pass element to dramatically reduce both dropout voltage and supply current over more
conventional PNP pass element LDO designs. The PMOS pass element is a voltage-controlled device that, unlike a PNP
transistor, does not require increased drive current as output current increases. Supply current in the TPS763xx is
essentially constant from no-load to maximum load.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation. The device
switches into a constant-current mode at approximately 1 A; further load reduces the output voltage instead of increasing
the output current. The thermal protection shuts the regulator off if the junction temperature rises above 165
°C. Recovery
is automatic when the junction temperature drops approximately 25
°C below the high temperature trip point. The PMOS
pass element includes a back diode that safely conducts reverse current when the input voltage level drops below the output
voltage level.
A logic low on the enable input, EN shuts off the output and reduces the supply current to less than 2
µA. EN should be
tied high in applications where the shutdown feature is not used.
A typical application circuit is shown in Figure 20.
C1
1
µF
(1) TPS76316, TPS76318, TPS76325, TPS76327, TPS76328,
TPS7630 TPS76333, TPS76338, TPS76350 (fixed-voltage options).
NC/FB
OUT
1
3
IN
EN
GND
2
4
5
VI
CSR = 1
Ω
VO
4.7
µF
+
TPS763xx(1)
Figure 20. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com