Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 6Page - Texas Instruments TPS76301DBVT Datasheet HTML 7Page - Texas Instruments TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 12
4
2
3
1
0
−20
20
TPS76318
LINE TRANSIENT RESPONSE
t − Time −
µs
060
40
20
80
100
140
120
160
180 200
−30
CO = 4.7 µF
ESR = 0.25
Ω
TJ = 25°C
dv
dt
+ 1V
10
ms
5
Figure 13
50
−50
0
−100
100
0
200
t − Time −
µs
CO = 4.7 µF
ESR = 0.25
Ω
TJ = 25°C
TPS76318
LOAD TRANSIENT RESPONSE
060
40
20
80
100
140
120
160
180 200
−150
Figure 14
5
−50
0
−100
7
6
8
TPS76350
LINE TRANSIENT RESPONSE
t − Time −
µs
0
150
100
50
200
250
350
300
400
450 500
50
dv
dt
+ 1V
10
ms
CO = 4.7 µF
ESR = 0.25
Ω
TJ = 25°C
Figure 15
150
−100
100
200
0
100
0
t − Time −
µs
CO = 4.7 µF
ESR = 0.25
Ω
TJ = 25°C
TPS76350
LOAD TRANSIENT RESPONSE
060
40
20
80
100
140
120
160
180 200
−200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com