Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments TPS76301DBVT Datasheet HTML 15Page - Texas Instruments TPS76301DBVT Datasheet HTML 16Page - Texas Instruments TPS76301DBVT Datasheet HTML 17Page - Texas Instruments TPS76301DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
14
APPLICATION INFORMATION
VO
VI
OUT
FB
R2
GND
EN
IN
≤0.5 V
≥2 V
TPS76301
1
µF
OUTPUT
VOLTAGE
(V)
R1
R2
2.5
3.3
3.6
4
5
6.45
187
301
348
402
549
750
169
169
169
169
169
169
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)(1)
(1) 1% values shown.
3
1
4
2
R1
5
CSR = 1
Ω
4.7
µF
+
Figure 21. TPS76301 Adjustable LDO Regulator Programming
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature allowable
to avoid damaging the device is 150
°C. This restriction limits the power dissipation the regulator can handle in any given
application. To ensure the junction temperature is within acceptable limits, calculate the maximum allowable dissipation,
PD(max), and the actual dissipation, PD, which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where:
TJmax is the maximum allowable junction temperature
RθJA is the thermal resistance junction-to-ambient for the package, see the dissipation rating table.
TA is the ambient temperature.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com