Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments TPS76301DBVT Datasheet HTML 15Page - Texas Instruments TPS76301DBVT Datasheet HTML 16Page - Texas Instruments TPS76301DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
13
APPLICATION INFORMATION
external capacitor requirements
Although not required, a 0.047
µF or larger ceramic bypass input capacitor, connected between IN and GND and located
close to the TPS763xx, is recommended to improve transient response and noise rejection. A higher-value electrolytic input
capacitor may be necessary if large, fast-rise-time load transients are anticipated and the device is located several inches
from the power source.
Like all low dropout regulators, the TPS763xx requires an output capacitor connected between OUT and GND to stabilize
the internal loop control. The minimum recommended capacitance value is 4.7
µF and the ESR (equivalent series
resistance) must be between 0.3
Ω and 10 Ω. Capacitor values 4.7 µF or larger are acceptable, provided the ESR is less
than 10
Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer ceramic capacitors are all suitable, provided
they meet the requirements described above. Most of the commercially available 4.7
µF surface-mount solid tantalum
capacitors, including devices from Sprague, Kemet, and Nichico, meet the ESR requirements stated above.
CAPACITOR SELECTION
PART NO.
MFR.
VALUE
MAX ESR(1)
SIZE (H
× L × W)†
T494B475K016AS
KEMET
4.7
µF
1.5
Ω
1.9
× 3.5 × 2.8
195D106x0016x2T
SPRAGUE
10
µF
1.5
Ω
1.3
× 7.0 × 2.7
695D106x003562T
SPRAGUE
10
µF
1.3
Ω
2.5
× 7.6 × 2.5
TPSC475K035R0600
AVX
4.7
µF
0.6
Ω
2.6
× 6.0 × 3.2
(1) Size is in mm. ESR is maximum resistance in ohms at 100 kHz and TA = 25°C. Listings are sorted by height.
output voltage programming
The output voltage of the TPS76301 adjustable regulator is programmed using an external resistor divider as shown in
Figure 21. The output voltage is calculated using:
V
O +
0.995
V
ref
1
) R1
R2
(1)
Where:
Vref = 1.192 V typ (the internal reference voltage)
0.995 is a constant used to center the load regulator (1%)
Resistors R1 and R2 should be chosen for approximately 7-
µA divider current. Lower value resistors can be used but offer
no inherent advantage and waste more power. Higher values should be avoided as leakage currents at FB increase the
output voltage error. The recommended design procedure is to choose R2 = 169 k
Ω to set the divider current at 7 µA and
then calculate R1 using:
R1
+
V
O
0.995
V
ref
* 1
R2
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com